Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 33Page - STMicroelectronics L9800 Datasheet HTML 34Page - STMicroelectronics L9800 Datasheet HTML 35Page - STMicroelectronics L9800 Datasheet HTML 36Page - STMicroelectronics L9800 Datasheet HTML 37Page - STMicroelectronics L9800 Datasheet HTML 38Page - STMicroelectronics L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
9.3
Electrical parameters
6 V < VBATT < 18 V, 3 V < VDDIO < 5.5 V, T J = -40 °C to 150 °C, unless otherwise noticed.
Table 16. Output status and open-load on
Symbol
Description
Test condition
Min.
Typ.
Max.
Unit
Output status monitor
VDS(OL)
Output status monitor threshold voltage
VBATT = 14 V,
Active
1.7
1.95
2.2
V
IOLD_LS
Output diagnosis pull-down current
VDRAIN = 14 V
290
550
µA
IOLU_LS
Output diagnosis pull-up current
VDRAIN = 0 V
-260
-140
µA
Open-load at ON
tOFF1LS
Diag OFF first window
Covered by SCAN
0.89
1.03
1.29
ms
tOFF2LS
Diag OFF second window
Covered by SCAN
200
250
290
µs
Note:
All the digital filtering times reported in Table 16 are to be considered without spread spectrum.
L9800
Diagnosis
DS14041 - Rev 2
page 37/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com