Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 11Page - STMicroelectronics L9800 Datasheet HTML 12Page - STMicroelectronics L9800 Datasheet HTML 13Page - STMicroelectronics L9800 Datasheet HTML 14Page - STMicroelectronics L9800 Datasheet HTML 15Page - STMicroelectronics L9800 Datasheet HTML 16Page - STMicroelectronics L9800 Datasheet HTML 17Page - STMicroelectronics L9800 Datasheet HTML 18Page - STMicroelectronics L9800 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Table 10. Supply ranges and operative modes
Function
Undervoltage condition on VBATT
VBATT not in undervoltage
Operating modes
VDDIO ≤ VDDIOUV VDDIO > VDDIOUV VDDIO ≤ VDDIOUV VDDIO > VDDIOUV
Channels
u
u
u
u
Sleep
u
u
u
u
Idle
u
u(1)
a(2)
a
Active
u
u(3)
a(2)
a(2)
Limp-home
SPI communication
u
u
u
u
Sleep
u
a
u
a
Idle
u
a
u
a
Active
u
a(4)
u
a(4)
Limp-home
SPI registers
r
r
r
r
Sleep
r
a
r
a
Idle
r
a
r
a
Active
r
a(4)
r
a
Limp-home
1. Available in case VS_UV_MASK bit is set to 1.
2. IN pins only.
3. Only OUT2 and OUT3 available in case VS_UV_MASK bit is set to 1.
4. Read only.
Where:
•
"a" stands for available
•
"u" stands for unavailable
•
"r" stands for reset
6.1.1
Power-up
The power-up condition is satisfied if, at least, one of the supply voltages (VBATT or VDDIO) is applied to the
device and the INn or IDLE pins are set to “high”.
In case of both VBATT and VDDIO device pins connected to external sources, the VBATT voltage must be
included in its supply voltage range for normal operations (VBATT > 6 V).
In case of only the VBATT device pin connected to an external source, the VBATT voltage must be included in its
supply voltage range for normal operations (VBATT > 6 V).
All the possible power-up scenarios are described below:
L9800
Power supply
DS14041 - Rev 2
page 15/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com