Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics L9800 Datasheet HTML 48Page - STMicroelectronics L9800 Datasheet HTML 49Page - STMicroelectronics L9800 Datasheet HTML 50Page - STMicroelectronics L9800 Datasheet HTML 51Page - STMicroelectronics L9800 Datasheet HTML 52Page - STMicroelectronics L9800 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Table 19. TFQFN24 4x4x0.9 wettable flanks mechanical data
Symbol
Dimensions
Min.
Typ.
Max.
A(1)
0.80
0.90
1.00
A1(2)
0.00
0.02
0.05
A2
0.20 REF
A3
0.1
b(1)(3)
0.20
0.25
0.30
D(1)
4.00
D2
2.75
2.80
2.85
e(1)
0.50
E(1)
4.00
E2
2.75
2.80
2.85
L(1)
0.35
0.40
0.45
k
0.25
N(4)
24
Form and position tolerances
aaa(1)(5)
0.15
bbb(1)(5)
0.10
ccc(1)(5)
0.08
ddd(1)(5)
0.05
eee(1)(5)
0.10
1. To be determined at setting datum plane C.
2. A1 is defined as the distance from the seating plane to the lowest point on the package body.
3. Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead width to exceed
the maximum “b” dimension by more than 0.08 mm. Dambar cannot be located on the lower radius or the foot. Minimum
space between protrusion and an adjacent lead is 0.07 mm for 0.4 mm and 0.5 mm pitch packages.
4. “N” is the maximum number of terminal positions for the specified body size.
5. Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
L9800
Package information
DS14041 - Rev 2
page 49/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com