Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 32Page - STMicroelectronics L9800 Datasheet HTML 33Page - STMicroelectronics L9800 Datasheet HTML 34Page - STMicroelectronics L9800 Datasheet HTML 35Page - STMicroelectronics L9800 Datasheet HTML 36Page - STMicroelectronics L9800 Datasheet HTML 37Page - STMicroelectronics L9800 Datasheet HTML 38Page - STMicroelectronics L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
9
Diagnosis
The SPI communication provides diagnosis information about the device and the load status. Diagnosis
information of each channel is independent from other channels. An error condition on one channel has no
influence on the diagnostic of the others.
9.1
Overload and overtemperature
When either an overload or an overtemperature occurs on one channel, the diagnosis bit DIAG_OVC_OVT.OUTn
is set accordingly. The channel latches OFF and must be reactivated setting the corresponding
DIAG_OVC_OVT_RLW.OUTn bit to “1”. The writing operation is necessary to remove the fault as a result of the
DIAG_OVC_OVT.OUTn register is clear on write.
9.2
Off diagnosis
This diagnosis is available only in active mode. The device is able to detect two kinds of fault in off, open-load and
short to ground.
This diagnosis is available after sending an SPI request. It is performed through two different phases: the first one
distinguishes between fault and no fault condition; the second one, completed only if a fault has been found, is
intended to investigate the type of the fault.
The first phase lasts for tOFF1LS. The current generator showed in the Figure 27, marked with ‘pldw’, and driven
by dw_on, is active, and the current generator ‘plup’ is off. In this phase, if the drain voltage remains above the
prefixed threshold, the comparator output is low and it means that a load is present; otherwise, if the drain
voltages decrease below threshold, the comparator output makes a transition to “1” and sets the presence of a
fault.
After the first diagnosis interval, if a fault happened the current generator indicated with ‘plup’ and driven by the
signal up_on is activated and the other one is switched off for a time tOFF2LS.
After the pull-up activation, if the drain voltage rises and overcomes the comparator threshold again, an open-load
fault is reported. On the other hand, if the voltage remains constant and equal to zero for the whole diagnosis time
a short to ground fault is detected. If DIS pin is high an off state diagnosis request is ignored and ongoing
diagnosis is reset
The diagnosis can be requested on one or more channels in parallel. Once the diagnosis has been started, a new
diagnosis should not be sent until the ongoing diagnostic cycle is finished. Once the diagnosis is completed
DIAG_OFF_EN register is automatically cleared.
Figure 27. OFF diagnosis circuit
GADG071120231033GT
up_on
dw_on
VDS(OL)
OFF diag
3V3
VBATT
Load
Out
plup
pldw
L9800
Diagnosis
DS14041 - Rev 2
page 36/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com