Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 3 Page - STMicroelectronics

  L9800 Datasheet HTML 1Page - STMicroelectronics L9800 Datasheet HTML 2Page - STMicroelectronics L9800 Datasheet HTML 3Page - STMicroelectronics L9800 Datasheet HTML 4Page - STMicroelectronics L9800 Datasheet HTML 5Page - STMicroelectronics L9800 Datasheet HTML 6Page - STMicroelectronics L9800 Datasheet HTML 7Page - STMicroelectronics L9800 Datasheet HTML 8Page - STMicroelectronics L9800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
1
Detailed description
The L9800 is an 8-channel IC, made of low-side drivers. All the outputs have typical RDS(ON) = 0.77 Ω at
TJ = 25 °C. The 16-bit serial peripheral interface (SPI) is used to control and diagnose the device and the loads.
The SPI interface provides daisy chain capability to assemble multiple devices in one SPI chain by using the
same number of microcontroller pins.
This device is designed for low supply voltage operation, it is able to maintain its functionality at low battery
voltage (VBATT ≥ 3 V). The SPI communication, including the ability to program the device, are present only
when the digital power supply is available (VDDIO ≥ 3 V).
The L9800 has two input pins (IN0 and IN1) respectively connected by default to the outputs OUT2 and OUT3,
making them controllable even when the digital supply voltage is not available. Thanks to the input mapping
functionality, it is possible to connect the input pins to different outputs, or to assign more outputs to the same
input pin. In this case, when the device is in fail-safe mode (limp-home), more channels can be controlled with
one signal applied to one input pin.
In limp-home mode the IN0 is mapped on channel 2 and IN1 is mapped on channel 3. When the IDLE pin is “low”,
it is possible to activate the two channels using the input pins independently from the presence of the digital
supply voltage VDDIO.
The device provides diagnosis of the load by detecting the open-load in the off state and the short-circuit. For
diagnosis of the off state (triggered by the SPI request), two current sources (pull-up and pull-down current) are
activated in two separate steps. The device detects an abnormal voltage on the output and, in case of fault
detection, it is able to differentiate open-load from short condition.
Each output stage is able to avoid short circuits. In case of overload, the affected channel is switched off with an
increased slew rate (gate kill) when the overload detection current IL(OVLn) is reached and can be reactivated via
SPI after clearing the register in which the fault is registered.
In limp-home state, the channel linked to an input pin set to 'high' where an OVL fault is detected is automatically
restarted after the restart time of the tRETRY output.
Temperature sensors are available for each channel to protect the device in case of over-temperature in the on
condition.
The power transistors are built by N-channel power MOSFET. The device is integrated in Smart Power
technology.
L9800
Detailed description
DS14041 - Rev 2
page 3/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com