Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 30Page - STMicroelectronics L9800 Datasheet HTML 31Page - STMicroelectronics L9800 Datasheet HTML 32Page - STMicroelectronics L9800 Datasheet HTML 33Page - STMicroelectronics L9800 Datasheet HTML 34Page - STMicroelectronics L9800 Datasheet HTML 35Page - STMicroelectronics L9800 Datasheet HTML 36Page - STMicroelectronics L9800 Datasheet HTML 37Page - STMicroelectronics L9800 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
8
Protection functions
8.1
Overload protection
The L9800 has two different overload current thresholds that preserve itself in case of overload or short-circuit of
the load (see Figure 24):
•
IL(OVL0) between channel switch on and tOVLIN
•
IL(OVL1) after tOVLIN
Every time the channel is switched off the over load current threshold is set back to IL(OVL0).
Figure 24. Overload thresholds
GADG071120230941GT
OUTn driving
signal
IL(OVL)
IL(OVL0)
IL(OVL1)
tOVLIN
In case the load current is higher than IL(OVL0) or IL(OVL1), after time tOFF(OVL) the over loaded channel is switched
off and the corresponding diagnosis bit DIAG_OVC_OVT.OUTn is set to “1”. The channel can be switched on
after clearing the protection latch by setting the corresponding DIAG_OVC_OVT_RLW.OUTn bit to “1”. This bit is
set back to “0” internally after de-latching the channel. Please refer to Figure 25 for details.
Figure 25. Latch-off overload
GADG071120230946GT
OUTn driving
signal
IL
IL(OVL1)
0
1
0
1
0
0
DIAG_OVC_OVT.OUTn
DIAG_OVC_OVT_RLW.OUTn
tOFF(OVL)
L9800
Protection functions
DS14041 - Rev 2
page 34/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com