Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics L9800 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
11.5
SPI protocol
The content of MOSI and MISO during SPI communication is shown in the Figure 34. MOSI line represents the
frame sent from the MCU and the MISO line is the answer provided by the device.
Figure 34. Relation between MOSI and MISO
SI
SO
frame A
frame B
(previous
response)
response to
frame A
frame C
response to
frame B
The SPI protocol provides the answer to a command frame only with the next transmission triggered by the MCU.
11.6
SPI frame structure
11.6.1
MOSI frame structure
Each MOSI frame has 16 bits with the following structure:
•
A command bit R/W, ‘1’ for write, ‘0’ for read
•
5 ADDRESS bits
•
8 DATA bits
•
A PARITY bit, odd parity
•
A FR_CNT frame counter bit
The frame count bit (FR_CNT) is toggled at each reception of the SPI data frame. For each frame, the
microcontroller has to toggle this bit into the serial IN coherently with the internal device frame counter. If the
device frame counter is not consistent with the one from the microcontroller, an SPI error is generated and the
frame is rejected. The same behavior is expected for serial OUT.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W[15]
ADDRESS[14:10]
DATA[9:2]
PAR[1]
FR_CNT[0]
11.6.2
MISO frame structure
Each MISO frame has 16 bits with the following structure:
•
An ERR error bit, ‘1’ if an error happened in the previous transmission, ‘0’ otherwise
•
5 ADDRESS bits, for address feedback function
•
8 DATA bits
•
A PARITY bit, odd parity
•
A FR_CNT frame counter bit
The frame count bit (FR_CNT) is toggled at each reception of the SPI data frame. For each frame the
microcontroller has to toggle this bit into the serial IN coherently with the internal device frame counter. If the
device frame counter is not consistent with the one from the microcontroller, an SPI error is generated and the
frame is rejected. The same behavior is expected for serial OUT.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ERR[15]
ADDRESS[14:10]
DATA[9:2]
PAR[1]
FR_CNT[0]
11.7
SPI registers
The register banks are composed of 8-bit registers.
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 43/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com