Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 24Page - STMicroelectronics L9800 Datasheet HTML 25Page - STMicroelectronics L9800 Datasheet HTML 26Page - STMicroelectronics L9800 Datasheet HTML 27Page - STMicroelectronics L9800 Datasheet HTML 28Page - STMicroelectronics L9800 Datasheet HTML 29Page - STMicroelectronics L9800 Datasheet HTML 30Page - STMicroelectronics L9800 Datasheet HTML 31Page - STMicroelectronics L9800 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
7
Power stages
The device is an 8-channel low-side relay switch. The power stages are made by N-channel Power MOSFET
transistors.
The source of the power transistors must be directly connected to the GND pin potential. An unwanted OV
detection may happen when a different voltage is applied.
7.1
Operating modes
The RDS(ON) (on-state resistance) depends on the TJ (junction temperature) and on the supply voltage.
7.1.1
Switching resistive loads
In the case of resistive loads switching, refer to the following switching times and slew rates.
Figure 20. Switching resistive load
VDS
t
tON
tOFF
t
% of
90
VS
d
V /
d
tON
%
70
d
V/
d
tOFF
%
30
tDELAY(ON)
tDELAY(OFF)
INn/
OUT.OUTn
70% ofVS
30% ofVS
10% ofVS
7.1.2
Inductive output clamp
The inductance still drives the current the voltage across the power switch increases until reaching VDS(CL) in
case of switching off inductive loads. The voltage clamping is necessary to prevent device destruction and
protects the device in all operative modes. The maximum allowed load inductance is limited by the max energy.
The clamping structure preserves the device in all the operating states: sleep, idle, active, and limp-home (see the
Figure 21).
Figure 21. Output clamp concept
DRAIN
SOURCE
Configurable channel
VDS(CL)
Control
Logic
L9800
Power stages
DS14041 - Rev 2
page 28/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com