Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 23Page - STMicroelectronics L9800 Datasheet HTML 24Page - STMicroelectronics L9800 Datasheet HTML 25Page - STMicroelectronics L9800 Datasheet HTML 26Page - STMicroelectronics L9800 Datasheet HTML 27Page - STMicroelectronics L9800 Datasheet HTML 28Page - STMicroelectronics L9800 Datasheet HTML 29Page - STMicroelectronics L9800 Datasheet HTML 30Page - STMicroelectronics L9800 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Symbol
Description
Comment
Min. Nom.
Max.
Unit
VBATT = VDDIO - 1 V
IVDDIO(ACTIVE_COR)
Logic supply current in
active mode–channels
OFF from VDDIO pin
when VBATT is higher
than VDDIO (the device
is supplied by VDDIO)
VIDLE = 5 V, VINn = 0 V,
VDDIO = 5 V, fSCLK = 0 MHz,
CFG_1.ACT = 1B, PWM_SPI.OUTn = 0B,
DIAG_OFF_EN.OUTn = 0B
1.2
mA
TVDDIOUVFLT
VDDIO undervoltage
filter
Covered by SCAN
9
14
19
µs
Timings
tIDLEFLT
Idle filter time
Covered by SCAN
4.9
7
10
µs
tSLEEP2IDLE
Sleep to idle delay
Covered by SCAN
120
µs
tIDLE2SLEEP
Idle to sleep delay
From IDLE pin to sleep external pull-down
MISO to GND required covered by SCAN
10
µs
tIDLE2ACTIVE
Idle to active delay
From INn or NCS pins to MODE = 11B,
covered by SCAN
1
µs
tACTIVE2IDLE
Active to idle delay
From INn or NCS pins to MODE = 10B,
covered by SCAN
150
µs
tSLEEP2LH
Sleep to limp-home
delay
From INn pins to VDS = 10% VBATT,
covered by SCAN
120 + tON
µs
tLH2SLEEP
Limp-home to sleep
delay
From INn pins to MODE = 00B,
external pull-down MISO to GND required,
covered by SCAN
tOFF_POR
µs
tLH2ACTIVE
Limp-home to active
delay
From IDLE pin to MODE = 11B
covered by SCAN
20
µs
tACTIVE2LH
Active to limp-home
delay
From IDLE pin to MODE = 01B,
covered by SCAN
20
µs
tACTIVE2SLEEP
Active to sleep delay
From IDLE pin to MODE = 00B,
External pull-down MISO to GND required,
Covered by SCAN
tOFF_POR
µs
tOFF_POR
Channel switch off time
with passive pull-down
(NPOR=0)
From NPOR = 0 V to VDS = 90% VBATT
150
µs
Note:
All the digital filtering times reported in Table 11 are to be considered without spread spectrum.
L9800
Power supply
DS14041 - Rev 2
page 27/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com