Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 3Page - STMicroelectronics L9800 Datasheet HTML 4Page - STMicroelectronics L9800 Datasheet HTML 5Page - STMicroelectronics L9800 Datasheet HTML 6Page - STMicroelectronics L9800 Datasheet HTML 7Page - STMicroelectronics L9800 Datasheet HTML 8Page - STMicroelectronics L9800 Datasheet HTML 9Page - STMicroelectronics L9800 Datasheet HTML 10Page - STMicroelectronics L9800 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Table 2. External components list
Pin
External components
Requirement(1)
Comment
Type
Min. Typ. Max. Unit
VBATT
Capacitor
120
nF
2., 3.
Tolerance ±20% 50 V
Capacitor
100
μF
2.
50 V, Transient and load dump protection
TVS
-15
38
V
4.
Transient voltage suppressor
Capacitor
10
μF
2., 3.
Tolerance ±20%
50 V, Transient and load dump protection
VDDIO
Capacitor
100
nF
2.
Tolerance ±10% 50 V
OUT2D–OUT7D
Capacitor
12
nF
3.
Maximum total capacitance value at output load
1. Refer to the following Items.
In the list of external components, the different parts are marked following the items reported below:
1. Mandatory components for L9800 functionality.
2. Recommended components for EMC robustness.
3. Recommended components for ESD trials.
4. Recommended system component.
Note:
Recommended components may depend on the requirements at system level and shall be confirmed by specific
tests on the final applications.
L9800
Application circuit
DS14041 - Rev 2
page 7/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com