Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 38Page - STMicroelectronics L9800 Datasheet HTML 39Page - STMicroelectronics L9800 Datasheet HTML 40Page - STMicroelectronics L9800 Datasheet HTML 41Page - STMicroelectronics L9800 Datasheet HTML 42Page - STMicroelectronics L9800 Datasheet HTML 43Page - STMicroelectronics L9800 Datasheet HTML 44Page - STMicroelectronics L9800 Datasheet HTML 45Page - STMicroelectronics L9800 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
11.4
Electrical parameters
Table 17. SPI electrical parameters
Symbol
Description
Test condition
Min.
Typ.
Max.
Unit
Input SPI pin characteristics–low level
VNCS(L) NCS
-
0.8
V
VSCLK(L) CLK
-
0.8
V
VSI(L)
SI
-
0.8
V
Input SPI pin characteristics–high level
VNCS(H) NCS
2
-
V
VSCLK(H) SCLK
2
-
V
VSI(H)
SI
2
-
V
Input pull-up resistor at NCS pin
RNCS
Input pull-up resistor at NCS pin
NCS = 0.8V
35
-
100
kΩ
Input pull-down resistor at pin SCLK, SI
RSCLK
Input pull-down resistor on SCLK
VSCLK = 2 V
50
-
180
kΩ
RSI
Input pull-down resistor on SI
VSI = 2 V
50
-
180
kΩ
Output characteristic
VSO(L)
L level output voltage
ISO = -1.5 mA
0
-
0.4
V
VSO(H)
H level output voltage
ISO = 1.5 mA
VDDI
O -
0.4
-
VDDI
O
V
ISO(OFF) Output tristate leakage current
VNCS = VDDIO, VBATTO = 0 V
-1
-
1
μA
ISO(OFF) Output tristate leakage current
VNCS = VDDIO,
VBATTO = VDDIO
-1
-
1
μA
Timings
tNCS(lead) Enable lead time (falling NCS to rising CLK)
VDDIO = 4.5 V or VBATT > 7 V
200
-
ns
tNCS(lag) Enable lag time (falling CLK to rising NCS)
VDDIO = 4.5 V or VBATT > 7 V
200
-
ns
tNCS(td) Transfer delay time (rising NCS to falling NCS)
VDDIO = 4.5 V or VBATT > 7 V
650
-
ns
tSO(en)
Output enable time (falling NCS to SO valid)
VDDIO = 4.5 V or VBATT > 7 V,
CL = 20 pF at MISO pin
-
200
ns
tSO(dis)
Output disable time (rising NCS to SO tristate)
VDDIO = 4.5 V or VBATT > 7 V,
CL = 20 pF at MISO pin
-
200
ns
fSCLK
Serial clock frequency
VDDIO = 4.5 V or VBATT > 7 V
-
8
MHz
tSCLK(H) Serial clock “high” time
VDDIO = 4.5 V or VBATT > 7 V
45
-
ns
tSCLK(L) Serial clock “low” time
VDDIO = 4.5 V or VBATT > 7 V
45
-
ns
tSI(su)
Data setup time (required time MOSI to rising
CLK)
VDDIO = 4.5 V or VBATT > 7 V
30
-
ns
tSI(h)
Data hold time (rising CLK to SI)
VDDIO = 4.5 V or VBATT > 7 V
30
-
ns
L9800
Serial peripheral interface (SPI)
DS14041 - Rev 2
page 42/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com