Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 28Page - STMicroelectronics L9800 Datasheet HTML 29Page - STMicroelectronics L9800 Datasheet HTML 30Page - STMicroelectronics L9800 Datasheet HTML 31Page - STMicroelectronics L9800 Datasheet HTML 32Page - STMicroelectronics L9800 Datasheet HTML 33Page - STMicroelectronics L9800 Datasheet HTML 34Page - STMicroelectronics L9800 Datasheet HTML 35Page - STMicroelectronics L9800 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Four parameters can be set:
1. Duty cycle (bits PWM_LED_DC.DUTY_CYCLE)
8 bits are available to achieve 0.39% duty cycle resolution.
When the microcontroller programs a new duty cycle, the PWM LED generator waits until the previous cycle is
completed before using the new duty cycle (this happens also when the duty cycle is 100%) - the new duty
cycle is taken with the next PWM cycle, while the new duty cycle is immediately taken if the previous DC was
0%).
Maximum duty cycle achievable is 100% (PWM_LED_DC.DUTY_CYCLE set to “11111111B”)
2. Frequency (bits CFG_2.PWM_DIV_LED)
Using 2 bits it is possible to select the divider for fINT to achieve the needed duty cycle:
–
00B = PWM frequency is 122.5 Hz
–
01B = PWM frequency is 245.1 Hz
–
10B = PWM frequency is 490.2 Hz
–
11B = PWM frequency is 980.4 Hz
3. Mapping registers (PWM_SEL and PWM_MAP)
To correctly use the PWM LED generator:
•
Configure the channel output control and mapping register (PWM_SEL and PWM_MAP).
•
Write the duty cycle control register (PWM_LED_DC) to enable the PWM LED generation.
7.4
Electrical parameters
3 V < VBATT < 18 V, 3 V < VDDIO < 5.5 V, T J = -40 °C to 150 °C, unless otherwise noticed.
Table 14. Power stages electrical parameters
Symbol
Description
Test condition
Min.
Typ.
Max.
Unit
Power stage
RDS(ON)
On-state resistance
TJ = 25 °C
0.77
Ω
TJ = 150 °C, IL= 100 mA
1.7
Ω
IL(NOM)
Nominal load current (all channels active) TJ ≤ 150 °C, design info
260
500
mA
IL(EAR)
Load current for maximum energy
dissipation–repetitive (all channels active)
TJ ≤ 150°C, design info
220
mA
VLS_DS(CL) Drain to source output clamping voltage
IL = 10mA
45
47
49
V
IL(OFF)_LS
Output leakage current (each channel) TJ
= 150 °C
VBATT = 0 V, VDDIO = 0 V,
VSOURCE= 0 V, VDS = 28 V (with at
least another channel’s VDS= 29 V),
TJ up to 150°C
-4
0
4
µA
E AR
Maximum energy dissipation repetitive
pulses - 2*IL(EAR) (two channels in
parallel)
TJ(0) = 85 °C, IL(0) = 2*IL(EAR), 2*106
cycles
15
mJ
EAS
Maximum energy dissipation single pulse
T = 25 °C, IL = 2 * 200 mA
50
mJ
Maximum energy dissipation single pulse
T = 150 °C, IL = 400 mA
25
mJ
EAR
Maximum energy dissipation repetitive
pulses - IL(EAR)
T = 85 °C, 2*106 cycles
10
mJ
Timings
tDELAY(ON)
Turn-ON delay (from INn pin or bit to
VOUT = 90% VBATT)
RL = 50 Ω, VBATT = 14 V,
Active or limp-home mode
1.5
4
µs
tDELAY(OFF)
Turn-OFF delay (from INn pin or bit to
VOUT = 10% VBATT)
RL = 50 Ω, VBATT = 14 V,
Active or limp-home mode
2.5
10
21
µs
L9800
Power stages
DS14041 - Rev 2
page 32/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com