Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 13Page - STMicroelectronics L9800 Datasheet HTML 14Page - STMicroelectronics L9800 Datasheet HTML 15Page - STMicroelectronics L9800 Datasheet HTML 16Page - STMicroelectronics L9800 Datasheet HTML 17Page - STMicroelectronics L9800 Datasheet HTML 18Page - STMicroelectronics L9800 Datasheet HTML 19Page - STMicroelectronics L9800 Datasheet HTML 20Page - STMicroelectronics L9800 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
Figure 7. Scenario 3 power-up
tSLEEP2IDLE
VBATT
VDDIO
IDLE
POR
V3V3
V1V2
t
V
Scenario 3: power-up by VBATT without VDDIO (0 V) in sleep to idle transition. VBATT is applied in its operative
range (6 V to 18 V). IDLE is set to high and the POR signal is released after tSLEEP2IDLE (about 10 μs). SPI
communication is not available and registers are reset.
Figure 8. Scenario 4 power-up
tSLEEP2LH=10μs+tON
VBATT
VDDIO
IN0
POR
V3V3
V1V2
V
OUT2D
t
Scenario 4: power-up by VBATT without VDDIO (0 V) in sleep to limp-home transition. VBATT is applied in its
operative range (6 V to 18 V). IN0 (or IN1) is set to high; the POR signal is released after about 10 μs and OUT2D
reaches 90% of VBATT in tON time. SPI communication is not available and registers are reset.
L9800
Power supply
DS14041 - Rev 2
page 17/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com