Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 4Page - STMicroelectronics L9800 Datasheet HTML 5Page - STMicroelectronics L9800 Datasheet HTML 6Page - STMicroelectronics L9800 Datasheet HTML 7Page - STMicroelectronics L9800 Datasheet HTML 8Page - STMicroelectronics L9800 Datasheet HTML 9Page - STMicroelectronics L9800 Datasheet HTML 10Page - STMicroelectronics L9800 Datasheet HTML 11Page - STMicroelectronics L9800 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
4
Product characteristics
4.1
Operating range
Within the operating range, the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Exceeding operating conditions and going back within, the part recovers with no damage or degradation.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
All voltages are related to the GND ground pin.
Table 3. Operating conditions
Symbol
Description
Min.
Typ.
Max.
Unit
Operating ranges
VBATT
Supply voltage range for normal operations
6
-
18
V
Upper supply voltage range for extended operations
18
-
28
V
Load dump voltage range for extended operations
28
-
42
V
Lower supply voltage range for extended operations
3
-
6
V
Supply voltage range for normal operations while shorted externally to VDDIO
3
-
5.5
V
VDDIO
Logic supply voltage
3
-
5.5
V
TJ
Operating junction temperature range
-40
-
150
°C
4.1.1
Supply voltage ranges
The device operates on the 12 V system. Transient operation for these systems can reach 40 V maximum.
Particular care has to be taken in PCB manufacturing to keep thermal dissipation to a reasonable level.
•
For VBATT < 3 V, if VDDIO is included in its operative range, the device is in a safety state (internal
circuitries are on but all the outputs are off). VS_UV function can be disabled by VS_UV_MASK bit of the
CFG_0 register.
•
For VBATT up to 40 V, all the functions are granted with increased power dissipation and no reset is
asserted during the transient.
For detailed functionality description, refer to the Table 9.
4.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the
integrated circuit.
All voltages are related to the potential at the ground pin (GND).
Table 4. Absolute maximum rate capabilities
Symbol
Description
Min.
Typ.
Max.
Unit
AMR - supplies
VBATT
Battery voltage
-16
-
42
V
VDDIO
I/O voltage
-0.3
-
20
V
VBATT(LD)
Supply voltage in load dump
-
42
V
VBATT(SC)
Supply voltage in short circuit (single pulse)
-
28
V
VDS0
Voltage at power transistor OUT0
-0.3
-
VDS(CL)
V
VDS7
Voltage at power transistor OUT7
-0.3
-
VDS(CL)
V
VOUT07S
Power transistor source voltage OUT07
-0.3
-
0.3
V
L9800
Product characteristics
DS14041 - Rev 2
page 8/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com