Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9800 Datasheet HTML 21Page - STMicroelectronics L9800 Datasheet HTML 22Page - STMicroelectronics L9800 Datasheet HTML 23Page - STMicroelectronics L9800 Datasheet HTML 24Page - STMicroelectronics L9800 Datasheet HTML 25Page - STMicroelectronics L9800 Datasheet HTML 26Page - STMicroelectronics L9800 Datasheet HTML 27Page - STMicroelectronics L9800 Datasheet HTML 28Page - STMicroelectronics L9800 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
6.2
Electrical parameters
3 V < VBATT < 18 V, 3 V < VDDIO < 5.5 V, TJ = -40 °C to 150 °C, unless otherwise noticed.
Table 11. Power supply
Symbol
Description
Comment
Min. Nom.
Max.
Unit
VBATT pin
VBATT(UV_L)
Analog supply
undervoltage low
threshold
2.65
2.8
3
V
VBATT(UV_H)
Analog supply
undervoltage high
threshold
2.7
2.85
3.1
V
dVBATT/dtpwrup
Battery slew rate during
power-up (VBATT from
10% to 90%)
0.5
V/min
dVBATT/dtpwrup
Battery slew rate during
power-up (VBATT from
10% to 90%)
2
V/μs
IVBATT(SLEEP)
Current consumption
from VBATT in sleep
mode
VIDLE = 0 V, VINn = 0 V,
VDDIO = 5 V, TJ ≤ 85 °C
1
µA
VIDLE =0 V, VINn = 0 V,
VDDIO = 5 V, 85 °C ≤ TJ ≤ 150 °C
14
µA
IVBATT(IDLE)
Analog supply current
consumption in idle
mode
VIDLE = 5 V, VINn = 0 V,
VDDIO = 5 V, fSCLK = 0 MHz,
CFG_1.ACT = 0B,
PWM_SPI.OUTn = 0B,
DIAG_OFF_EN.OUTn = 0B
2.2
mA
IVBATT(IDLE) T
J high
Analog supply current
consumption in idle
mode for TJ high
VIDLE = 5 V, VINn = 0 V,
VDDIO = 5 V, fSCLK = 0 MHz,
CFG_1.ACT = 0B,
PWM_SPI.OUTn = 0B,
DIAG_OFF_EN.OUTn = 0B, TJ > 100 °C
2.3
mA
IVBATT(IDLE_COR)
Analog supply current
consumption in idle
mode from VBATT pin
when VBATT is lower
than VDDIO (the device
is supplied by VDDIO)
VIDLE = 5V, VINn = 0 V,
VDDIO = 5 V, fSCLK = 0 MHz,
CFG_1.ACT = 0B,
PWM_SPI.OUTn = 0B,
DIAG_OFF_EN.OUTn = 0B,
VBATT = VDDIO-1 V
-0.1
0.1
mA
IVBATT(ACTIVE)
Analog supply current
consumption in active
mode - channels OFF
VIDLE = 5 V, VINn = 0 V,
VDDIO = 5 V, fSCLK = 0 MHz,
CFG_1.ACT = 1B,
PWM_SPI.OUTn = 0B,
DIAG_OFF_EN.OUTn = 0B
4.3
mA
L9800
Power supply
DS14041 - Rev 2
page 25/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com