Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9800
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800 Datasheet(HTML) 1 Page - STMicroelectronics

  L9800 Datasheet HTML 1Page - STMicroelectronics L9800 Datasheet HTML 2Page - STMicroelectronics L9800 Datasheet HTML 3Page - STMicroelectronics L9800 Datasheet HTML 4Page - STMicroelectronics L9800 Datasheet HTML 5Page - STMicroelectronics L9800 Datasheet HTML 6Page - STMicroelectronics L9800 Datasheet HTML 7Page - STMicroelectronics L9800 Datasheet HTML 8Page - STMicroelectronics L9800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Features
Symbol
Parameter
Values
VBATT
Supply voltage
3 V to 28 V
VDDIO
Supply and SO buffer voltage
3 V to 5.5 V
RDS(ON) Maximum on-state resistance at TJ = 150 °C
1.7 Ω
IL(NOM)
Nominal load current (TA = 85 °C, all channels)
330 mA
EAR
Maximum energy dissipation - repetitive
10 mJ at IL = 220 mA
VDS(CL)
Minimum drain-source clamping voltage
42 V
IL(OVL0)
Maximum overload switch off threshold
3 A
fSCLK
Maximum SPI clock frequency
8 MHz
•
AEC-Q100 qualified
•
Full ISO26262 compliant, ASIL-B systems ready
•
General
–
Eight LS drivers
–
16-bit SPI interface for outputs control and for diagnosis data
communication
–
Daisy chain compatible and available even with 8-bit SPI
–
2 parallel input pins with input mapping functionality
–
Cranking capability down to VBATT = 3 V
–
Digital supply voltage range compatible with 3.3 V and 5 V MCU
–
Bulb inrush mode (BIM) to drive 2 W lamps and electronic loads
–
Two independent internal PWM generators for MCU offloads and to
drive LEDs
–
Very low quiescent current (with usage of IDLE pin)
–
Limp-home mode (with usage of IDLE and IN pins)
–
Safety features
◦
Temperature sensor and monitoring
◦
Serial communications using address feedback, 1 parity bit, frame
counter and short frame detection
–
Fail-safe activation via input pins
–
Safe operation at low battery voltage (cranking)
•
Protective functions
–
Overcurrent latch off
–
Lower supply voltage range for extended operation
–
Electrostatic discharge (ESD) protection
–
Reverse battery protection on VBATT without external components
–
Short circuit battery protection
–
Thermal shutdown latch off
TFQFN24 4x4x0.9
Product status link
L9800
Product summary
Order code
L9800
Package
TFQFN24 4x4x0.9
Packing
Tray
Order code
L9800-TR
Package
TFQFN24 4x4x0.9
Packing
Tape and reel
Automotive 8-channel LS driver
L9800
Datasheet
DS14041 - Rev 2 - August 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9801A STMICROELECTRONICS-L9801A Datasheet
346Kb / 7P
HIGH SIDE DRIVER
L9803 STMICROELECTRONICS-L9803 Datasheet
1Mb / 126P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
09-Jun-2006
L9805 STMICROELECTRONICS-L9805 Datasheet
853Kb / 103P
Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
Jul-2001
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 127P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
08-Jun-2006
More results

Similar Description - L9800

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
logo
Intersil Corporation
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
8-Channel LED Driver
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
logo
STMicroelectronics
L9026 STMICROELECTRONICS-L9026 Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
ALED8102S STMICROELECTRONICS-ALED8102S Datasheet
620Kb / 19P
Automotive 8-channel LED driver with direct switch control
05-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com