Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 40Page - STMicroelectronics L9924L Datasheet HTML 41Page - STMicroelectronics L9924L Datasheet HTML 42Page - STMicroelectronics L9924L Datasheet HTML 43Page - STMicroelectronics L9924L Datasheet HTML 44Page - STMicroelectronics L9924L Datasheet HTML 45Page - STMicroelectronics L9924L Datasheet HTML 46Page - STMicroelectronics L9924L Datasheet HTML 47Page - STMicroelectronics L9924L Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Electrical specifications
L9924L
44/84
DocID028840 Rev 3
Charge pump must be switched on only in high side configurations because:
a charge pump in off-state (default) asserts a charge pump low output fault condition
the charge pump low output fault disables GATE pin driver (i.e. Field Power MOS is
kept off)
Charge pump can be kept switched off in low side configurations. The charge pump
generator tail current ICP,TAIL can be selected via SPI register 0x03 among the following
typical values:
128 mA (Default)
77 mA
96 mA
45 mA
4.3.20
5-V (VDD) voltage regulator
The device contains a fully protected low drop voltage regulator designed for fast transient
response.
The voltage regulator provides a 5-V stable VDD supply voltage at VDD/VDD_CAP pins and
up to 50 mA continuous load current to supply the µC. In addition the 5-V regulator drives
the internal 5-V loads as I/O structures. The VDD voltage regulator is protected against
overload and over-temperature. The output voltage precision is ±2% (incl. temperature drift
and line-/load regulation) for the whole output current operating range; the output voltage is
stable for ceramic load capacitors greater than CVDD= 680 nF (typ. ±10%) close to the
device VDD_CAP pin.
4fCP
Charge pump oscillator
clock frequency
No wobbling
800
kHz
5tCP,LOW
Charge-pump-low filter
time
Digital filter time
10
μs
6ICP,TAIL
Charge pump tail
current
Reg(0x03<13:12>)
= b00 → 128mA
(default)
45
128
mA
Table 28. Charge pump output electrical characteristics (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 29. 5-V (VDD) voltage regulator electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VDD
Output voltage
V(A+/B+) > 6V
-50 mA ≤ I(VDD_CAP) ≤ 0 mA
-5.0
-
V
2
εVDD
Output voltage
tolerance
V(A+/B+) > 6 V
-50 mA ≤ I(VDD_CAP) ≤ 0 mA
-3.8
-
+3.8
%
3CVDD
Compensation
capacitor
CVDD to be connected as close as
possible to VDD_CAP pin
612
680
1000
nF
4IVDD
Output current
Max continuous load current
-50
-
-
mA
5IVDDinrush
Inrush current
capability
V(A+/B+) > 6 V
V(VDD_CAP) > VRTL
-50
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com