Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 69Page - STMicroelectronics L9924L Datasheet HTML 70Page - STMicroelectronics L9924L Datasheet HTML 71Page - STMicroelectronics L9924L Datasheet HTML 72Page - STMicroelectronics L9924L Datasheet HTML 73Page - STMicroelectronics L9924L Datasheet HTML 74Page - STMicroelectronics L9924L Datasheet HTML 75Page - STMicroelectronics L9924L Datasheet HTML 76Page - STMicroelectronics L9924L Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
DocID028840 Rev 3
73/84
L9924L
SPI interface
83
12.4.14
DFM PWM DUTY CYCLE register [0x05]
This register is used to configure DFM duty cycle [4.3.6].
The duty cycle resolution changes according to the frequency:
Example: at 275 Hz, to apply a 37% duty cycle the value to write is 168 thus obtaining an
effective duty cycle of 36.9%.
Table 55. DFM PWM DUTY CYCLE register [0x05]
Bit
Register name
Reset value
Description
13-10
Reserved
--
9-0
DFM_DC_PERC
0
Duty cycle value (see next table)
Table 56. Duty cycle resolution changes according to the frequency
Frequency
(Hz)
100% value
Resolution %
Frequency
(Hz)
100% value
Resolution %
100
625
1.6
275
455
2.19
125
500
2
300
833
1.2
150
417
2.39
325
770
1.29
175
357
2.8
350
715
1.39
200
625
1.6
375
668
1.49
225
555
1.8
400
625
1.6
250
500
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com