Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 55Page - STMicroelectronics L9924L Datasheet HTML 56Page - STMicroelectronics L9924L Datasheet HTML 57Page - STMicroelectronics L9924L Datasheet HTML 58Page - STMicroelectronics L9924L Datasheet HTML 59Page - STMicroelectronics L9924L Datasheet HTML 60Page - STMicroelectronics L9924L Datasheet HTML 61Page - STMicroelectronics L9924L Datasheet HTML 62Page - STMicroelectronics L9924L Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
DocID028840 Rev 3
59/84
L9924L
SPI interface
83
12.2.3
MISO output
12.3
SPI timing
All electrical characteristics are valid for the following conditions unless otherwise noted.
Tj = -40 to 155 °C, 6 V  VB 40 V
Table 38. MISO output electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VMISOL
MISO low level
I(MISO) = 2 mA
-
0.2
0.4
V
2VMISOH
MISO high level
I(MISO) = -2 mA
VDD-0.5
-
VDD
V
3IMISOLeak MISO leakage current
Tri-state leakage
V(MISO) = V(GND)
V(MISO) = V(VDD)
-2
-
2
µA
Table 39. SPI timing characteristics
#
Symbol
Parameter
Test condition
Min
Max
Units
1fop
Transfer frequency
Design Information
-
2
MHz
2tsclk
SCLK period
Design Information
500
-
ns
3tlead
Enable lead time
Design Information
1500
-
ns
4tlag
Enable lag time
Design Information
50
-
ns
5tsclkhs
SCLK high time
Design Information
200
-
ns
6tsclkls
SCLK low time
Design Information
200
-
ns
7tsus
MOSI input setup time
Design Information
20
-
ns
8ths
MOSI input hold time
Design Information
20
-
ns
9ta
MISO access time
50
-
60
ns
10
tdis
MISO disable time
50 pF load
-
100
ns
11
tvs
MISO output valid time
50 pF load
-
66
ns
12
tho
MISO output hold time
50 pF load
0
-
ns
13
tr
MISO rise time
50 pF load
-
30
ns
14
tf
MISO fall time
50 pF load
-
30
ns
15
tcsn
CSN negated time
Design Information
1500
-
ns
16
tsh
SCLK hold time
Design Information
20
-
ns
17
tcsgrt
CSN noise glitch rejection time
-
-
TBC
ns
18
Tintfrm
SPI inter-frame time
Design Information
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com