Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 10Page - STMicroelectronics L9924L Datasheet HTML 11Page - STMicroelectronics L9924L Datasheet HTML 12Page - STMicroelectronics L9924L Datasheet HTML 13Page - STMicroelectronics L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics L9924L Datasheet HTML 16Page - STMicroelectronics L9924L Datasheet HTML 17Page - STMicroelectronics L9924L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Electrical specifications
L9924L
14/84
DocID028840 Rev 3
4
Electrical specifications
4.1
Absolute maximum ratings
Tj = -40 to 155 °C, unless otherwise specified.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBDC
DC supply voltage
48
V
VBLD
Transient supply voltage (load dump) t < 500 ms
65
V
Tj
Junction temperature range
-40 to 155
°C
Tstg, Tcase Storage and case temperature range
-40 to 155
°C
PTOT
Total power dissipation
1.25
W
VBR
Reverse battery voltage @ 25 °C, T = 15 sec
-2.5
V
VPHmin
Normal working condition reverse voltage (PH Bplus. GND)
-1.5
V
ESDHBM
ESD HBM (Internal pins)
±2
kV
ESDHBM
ESD HBM (All global pins)
±4
kV
ESDHBM
LIN pin
±6
kV
Table 4. Maximum ratings
N°
Pin
Condition
Min.
Max.
Unit
1LIN_TX
-
-0.2
VDD+0.2
V
2LIN_RX
-
-0.2
VDD+0.2
V
3
PD7/TLI/GPIO1
-
-0.2
VDD+0.2
V
4nRST
-
-0.2
VDD+0.3
V
5
PA1/GPIO2
-
-0.2
VDD+0.2
V
6
VSS / VSSIO_1
-
-
-
V
7
1V8_CORE
-
-0.2
2.7
8
1V8_VCAP
-
-0.2
2.0
V
9VDD
-
-0.2
6.5
V
10
VDDIO
-
-0.2
6.5
V
11
VDDA
-
-0.3
6.5
V
12
VSSA
-
-
-
-
13
CSA_IN
-
-0.3
+48
V
14
SENSE
-
-20
+48
V
15
A+/B+
Reverse battery voltage @ 25 °C,
T = 15 s
-2.5
+48
V
16
IGNIT
-
-20
+48
V
17
DFM
-
-0.3
+48
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com