Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 68Page - STMicroelectronics L9924L Datasheet HTML 69Page - STMicroelectronics L9924L Datasheet HTML 70Page - STMicroelectronics L9924L Datasheet HTML 71Page - STMicroelectronics L9924L Datasheet HTML 72Page - STMicroelectronics L9924L Datasheet HTML 73Page - STMicroelectronics L9924L Datasheet HTML 74Page - STMicroelectronics L9924L Datasheet HTML 75Page - STMicroelectronics L9924L Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
SPI interface
L9924L
72/84
DocID028840 Rev 3
When set, the receiver stage of the corresponding pin is disabled and cannot neither detect
a wakeup condition nor change the relevant status bit in register 0x11 (IGNIT_KEY,
LHC_KEY, L_KEY); the output stage, when present, isn’t affected by the disable bit and is
always enabled.
For example, if a wake-up by lamp is disabled, the system is still able to drive the lamp
output but cannot exit from stand-by because of a L-input transition and the pin status isn't
available on register 0x11, but can drive the lamp output.
In these conditions, if the application needs, after wake-up, to use the L-input it has to clear
the relevant wake-up disable bit.
The following sequence can be applied:
… exit from stand by (caused by some other source); in this condition the L-interface
cannot receive any protocol but the lamp, if present, can be properly handled
Clear the WKUP_SOURCE_L_DISABLE bit in order to enable the interface
Wait for the interface activation time (~100 µs)
Run the application
Set the WKUP_SOURCE_L_DISABLE bit in order to disable the interface to generate
a wakeup
Enter standby
The stand-by exit by phase cannot be disabled. Disabling wake-up sources contributes to
reduce the stand-by power consumption
6
DFM_polarity
1
1: the output PWM signal begins with
an active pulse and is followed by the
inactive interval
0: the output PWM signal begins with
the inactive interval followed by the
active pulse
5-4
DFM_DRV_SEL
0
DFM output configuration:
0. DFM output disabled
1. Low side driver enabled
2. High side driver enabled
3. Push-pull enabled
3-0
DFM_freq
0x0F
DFM signal frequency from 100 Hz to
400Hz with 25 Hz steps:
– 0000: 100 Hz
– 0001: 125 Hz
–…
– 1011: 375 Hz
– 1100-1110: 400 Hz
– 1111: DFM OFF (default)
Table 54. WAKE-UP sources and DFM GEN setup register [0x04] (continued)
Bit
Register name
Reset value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com