Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 39Page - STMicroelectronics L9924L Datasheet HTML 40Page - STMicroelectronics L9924L Datasheet HTML 41Page - STMicroelectronics L9924L Datasheet HTML 42Page - STMicroelectronics L9924L Datasheet HTML 43Page - STMicroelectronics L9924L Datasheet HTML 44Page - STMicroelectronics L9924L Datasheet HTML 45Page - STMicroelectronics L9924L Datasheet HTML 46Page - STMicroelectronics L9924L Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
DocID028840 Rev 3
43/84
L9924L
Electrical specifications
83
4.3.18
Pin "PH_OUT"
The PH_OUT pin exports the filtered PH signal. PH_OUT is driven by a push pull output and
must withstand 48V as absolute voltage.
If the PH_OUT current exceeds the IPHOX,LIM value, then the bit 10 of SPI register 0x12 is
set [12.4.6]
4.3.19
Charge pump output
The two-stage charge pump is supplied by A+/B+ pin. External flying capacitors are used to
achieve the requested charge pump current capability. This current capability has a current
limitation. In both standby mode and thermal shutdown the charge pump is disabled.
In case the charge pump output voltage V(CP) remains lower than VCP,LOW for longer than
tCP,LOW parameter a charge pump low output fault condition is latched and bit 8 of SPI
register 0x12 is set. [12.4.6]
The following capacitors are suggested: CP1 = 22nF, CP2 = 22nF, CP = 100nF. CP must be
connected between CP and A+/B+ pins
Table 27. Electrical characteristics pin "PH_OUT"
#
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
1
VPHOL
Low side saturation
voltage
I(PH_OUT) = 5 mA
0.90
1.15
1.40
V
2IPHOL,LIM
Low-side current
limitation
-25
-
50
mA
3
VPHOH
High side saturation
voltage
I(PH_OUT) = -5 mA
Charge pump in OFF state
0.90
1.15
1.40
V
4IPHOH,LIM
High-side current
limitation
--50
-
-25
mA
5tPHOL
Low side current
limitation filter time
Analogue symmetrical filter time
-
30
-
μs
6tPHOH
High side current
limitation filter time
Analogue symmetrical filter time
-
30
-
μs
Table 28. Charge pump output electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VCP
Charge pump output
voltage (both 12-V and
24-V systems)
V(A+/B+) ≥ 12 V
I(CP) = -13 mA
ICP,TAIL = 128 mA
V(A+/B+)+11
V(A+/B+)+13
V(A+/B+)+15
V
2ICP
Charge pump output
current
ICP = I(CP) < 0
assuring V(CP)-
V(A+/B+)>VCP,LOW
45 mA ≤ ICP,TAIL ≤
128 mA
--
-13
mA
3VCP,LOW
Charge-pump-low
voltage threshold
-
V(A+/B+)+4.7 V(A+/B+)+5.4 V(A+/B+)+6.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com