Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 23Page - STMicroelectronics L9924L Datasheet HTML 24Page - STMicroelectronics L9924L Datasheet HTML 25Page - STMicroelectronics L9924L Datasheet HTML 26Page - STMicroelectronics L9924L Datasheet HTML 27Page - STMicroelectronics L9924L Datasheet HTML 28Page - STMicroelectronics L9924L Datasheet HTML 29Page - STMicroelectronics L9924L Datasheet HTML 30Page - STMicroelectronics L9924L Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
DocID028840 Rev 3
27/84
L9924L
Electrical specifications
83
4.3.7
Pin "PH"
The PH pin is an input for the phase signal coming from alternator's stator output. The
internal comparator detects the presence of the phase signal when V(PH) > VPHTh. The
squared signal is forwarded to a period measurement unit that provides suitable timing data
to the µC to compute the rotor speed.
If the phase signal falls below the VPprTh1/VPprTh2 threshold the phase regulation request
(bit 12 of SPI register 0x13 is set [12.4.7]).
The device exits the stand-by mode when an activity is detected on PH pin (i.e.
V(PH)>VPHTh) independently on the status of other wake-up sources.
4.3.8
Pin "AUX_IN"
The AUX_IN pin can be used as auxiliary phase input signal in addition to PH pin. If not
used, AUX_IN pin must be tied to ground. It's forbidden to replace AUX_IN pin with PH pin.
Table 16. Electrical characteristics pin "PH"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VPHTh
High voltage comparator
threshold
V(AUX_IN)=V(GND)
200
280
360
mV
2VPLTh
Low voltage comparator threshold V(AUX_IN)=V(GND)
120
190
260
mV
3tPSR
Spike rejection time
Analogue filter
-
30
-
μs
4IPpull-dw Pull-down current
V(PH) = 28 V
-
2
-
mA
5RPpull-dw Passive pull-down resistance
-
-
20
-
kΩ
6VPprTh1
12-V phase regulation voltage
threshold
[0x2].12 = SEL24V_EN=b0
7
8
9
V
7VPprTh2
24-V phase regulation voltage
threshold
[0x2].12 = SEL24V_EN=b1
20
22.5
25
V
Table 17. Electrical characteristics pin "AUX_IN"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VAUXHTh
High voltage comparator
threshold
V(PH) = 1.150 V
200
280
360
mV
2VAUXLTh
Low voltage comparator
threshold
V(PH) = 1.150 V
120
190
260
mV
3tAUXSR
Spike rejection time
Analogue filter
-
30
-
µs
4IAUXpull-dw Pull-down current
V(AUX_IN) = 28 V
-
50
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com