Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 51Page - STMicroelectronics L9924L Datasheet HTML 52Page - STMicroelectronics L9924L Datasheet HTML 53Page - STMicroelectronics L9924L Datasheet HTML 54Page - STMicroelectronics L9924L Datasheet HTML 55Page - STMicroelectronics L9924L Datasheet HTML 56Page - STMicroelectronics L9924L Datasheet HTML 57Page - STMicroelectronics L9924L Datasheet HTML 58Page - STMicroelectronics L9924L Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
DocID028840 Rev 3
55/84
L9924L
ADC channels
83
10
ADC channels
As already mentioned, 5 ADC channels of the µC are dedicated to monitor the system
status; this chapter outlines some details about voltage ranges.
Table 35. ADC channels
Signal
Description
ADC
channel
Range
TEMP
Temperature
1
0-5 V (4.88 mV/lsb) with 10 mV/°K – See relevant chapter
[4.3.22]
VREF
Reference
voltage
2
4.3 V ±1% [4.3.17]
CSA_IN
Current sense
amplifier
0
0-100 mV [4.3.12]
B+
Battery voltage
5
0-20 V for 12 V configuration (19.5 mV/lsb), 0-40 V for
24 V configuration (39.1 mV/lsb) [4.3.1] [4.3.2]
SENSE Field voltage
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com