Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 63Page - STMicroelectronics L9924L Datasheet HTML 64Page - STMicroelectronics L9924L Datasheet HTML 65Page - STMicroelectronics L9924L Datasheet HTML 66Page - STMicroelectronics L9924L Datasheet HTML 67Page - STMicroelectronics L9924L Datasheet HTML 68Page - STMicroelectronics L9924L Datasheet HTML 69Page - STMicroelectronics L9924L Datasheet HTML 70Page - STMicroelectronics L9924L Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
DocID028840 Rev 3
67/84
L9924L
SPI interface
83
RotorSpeedrpm = 240 / (6 * 208 * 64 µs) ˜= 3004 rpm
The following table shows the RPM ranges corresponding to different pole pairs values:
The maximum RPM values don’t correspond to the minimum value of the register (1) but to
the 64 µsec timer resolution: it can be considered a sort of 15.625 kHz sampling rate thus
giving a maximum input signal frequency of roughly 8.3 kHz.
Incoming phase signal with a frequency under the specified minimum values lead to a
timeout condition, incoming phase signal with a frequency above the specified maximum
values lead to wrong results.
12.4.8
WATCHDOG / THERMAL SHUTDOWN RESET COUNT register [0x14]
Any reset event triggered by the watch dog or by the thermal shutdown circuitry increment a
counter in this register.
If needed, at system boot the SW can read the register to know the system history.
Table 48. RPM ranges corresponding to different pole pairs values
Pole pairs
Rotor speed - RPM
2x Ratio Motor speed - RPM 3x Ratio Motor speed - RPM
min
max
min
max
min
max
4
458
117187
229
58593
153
39062
5
366
93750
183
46875
122
31250
6
305
78125
152
39062
102
26041
7
262
66964
131
33482
87
22321
8
229
58593
114
29296
76
19531
9
204
52083
102
26041
68
17361
10
183
46875
91
23437
61
15625
Table 49. WATCHDOG / THERMAL SHUTDOWN RESET COUNT register [0x14]
Bit
Register name
Reset value
Description
13-12 Reserved
-
-
10-8
THERMAL_SHUTDOWN_EVENTS_COUNT
0 (RC)
Thermal shutdown reset counter
7-5
Reserved
-
-
4
TURBO_MODE
0 (RO)
When set, this bit notifies that the
Smart Power has detected the
turbo-mode configuration
3-0
WDG_uC_RESET_EVENTS_COUNT
0 (RC)
Watch dog reset counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com