Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 64Page - STMicroelectronics L9924L Datasheet HTML 65Page - STMicroelectronics L9924L Datasheet HTML 66Page - STMicroelectronics L9924L Datasheet HTML 67Page - STMicroelectronics L9924L Datasheet HTML 68Page - STMicroelectronics L9924L Datasheet HTML 69Page - STMicroelectronics L9924L Datasheet HTML 70Page - STMicroelectronics L9924L Datasheet HTML 71Page - STMicroelectronics L9924L Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
SPI interface
L9924L
68/84
DocID028840 Rev 3
12.4.9
DEVICE ID register [0x1F]
This register contains chip and communication protocol configuration:
12.4.10
SYSTEM / UNLOCK register [0x01]
This register contains some unlock bits to allow a write access to the relevant bits of register
0x02 or register 0x06.
Table 50. DEVICE ID register [0x1F]
Bit
Register name
Reset value
Description
13
Reserved
-
-
12
Reserved
-
-
11
LIN_PROT_DENIED_OTP
RO
0: LIN available
1: LIN not available
10
APPL_24V_DENIED_OTP
RO
0: 24V supported
1: 24V not supported
9
ProtSel
RO
PROT_SEL pin image
8RC
RO
RC pin image: if the pin is used for a
communication protocol its value follows
the status of the line
7-0
Sil_Revision
RO
Silicon revision
Table 51. SYSTEM / UNLOCK register [0x01]
Bit
Register name
Reset value
Description
13
Reserved
-
-
12
UNLOCK_SEL24V_EN
0 (WO
Write 1 to enable the write access to
SEL24V_EN bit of register 2
11
Reserved
-
-
10
UNLOCK WDG Config REG_06
0 (WO)
Write 1 to enable the write access to the
WDG Config register (0x06)
9
UNLOCK WDG: Init Time-Out
Disable
0 (WO)
Writing '1' to this bit enables a write
access to the WDG INIT ENABLE bit of
System Operation register (0x02)
8
UNLOCK_WDG_FAIL_REST_µC
0 (WO)
Writing '1' to this bit enables a write
access to the WDG_FAIL_REST-uC bit of
System Operation register (0x02)
7-5
Reserved
-
-
4
UNLOCK EPONA Cfg-REGs SW
Reset Capability
0 (WO)
Writing '1' to this bit enables a write
access to the SW_RESET bit of System
Operation register (0x02)
3-1
Reserved
-
-
0
UNLOCK_SYST_POWER_OFF
0 (WO)
Writing '1' to this bit enables a write
access to the POWER_OFF bit of
System Operation register (0x02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com