Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 7Page - STMicroelectronics L9924L Datasheet HTML 8Page - STMicroelectronics L9924L Datasheet HTML 9Page - STMicroelectronics L9924L Datasheet HTML 10Page - STMicroelectronics L9924L Datasheet HTML 11Page - STMicroelectronics L9924L Datasheet HTML 12Page - STMicroelectronics L9924L Datasheet HTML 13Page - STMicroelectronics L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
DocID028840 Rev 3
11/84
L9924L
Pin description
83
3
Pin description
Figure 5. Pin connection diagram
Table 1. Pin function
N°
Pin name
Function
1
LIN_TX
LIN transmitter (µC output)
2
LIN_RX
LIN receiver (µC input)
3
PD7/TLI/GPIO1
General purpose Input/output (PD7) / Top level interrupt
4
nRST
Reset (µC)
5
PA1/GPIO2
General purpose Input/output (PA1)
6
VSS / VSSIO_1
Digital ground / I/O ground
7
1V8_CORE
1.8 V Core
8
1V8_VCAP
1.8 V regulator capacitor(470 to 3300nF)
9
VDD
Digital power supply
10
VDDIO
I/O power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com