Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 12Page - STMicroelectronics L9924L Datasheet HTML 13Page - STMicroelectronics L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics L9924L Datasheet HTML 16Page - STMicroelectronics L9924L Datasheet HTML 17Page - STMicroelectronics L9924L Datasheet HTML 18Page - STMicroelectronics L9924L Datasheet HTML 19Page - STMicroelectronics L9924L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Electrical specifications
L9924L
16/84
DocID028840 Rev 3
4.1.1
EEPROMs parameters
4.2
Thermal data
4.3
Electrical characteristics
4.3.1
Pin "A+/B+"
This pin is both the primary power supply (B+) and the default battery sense (A+)
The device is supplied by the battery through A+/B+ pin and it remains in stand-by condition
with a current consumption of IBstby12V/24V until there is activity on one or more wake-up
sources.
Table 5. Flash program memory
#
Parameter
Test condition
Value
Unit
1
Erase/Write cycles
Tamb = 25 °C
2500
Cycles
2Tamb = 55 °C
1500
3Tamb = 125 °C
300
4
Retention
Tamb = 55 °C
20
Years
Table 6. Data memory
#
Parameter
Test condition
Value
Unit
1
Erase/Write cycles
Tamb = 25 °C
280000
Cycles
2Tamb = 55 °C
170000
3Tamb = 125 °C
10000
4
Retention
Tamb = 55 °C
2
Years
Table 7. Thermal data
#
Symbol
Parameter
Max.
Unit
1Rth_j-case
Thermal resistance junction-to-case
1
°C/W
2Tpad
Exposed pad temperature
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com