Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 26Page - STMicroelectronics L9924L Datasheet HTML 27Page - STMicroelectronics L9924L Datasheet HTML 28Page - STMicroelectronics L9924L Datasheet HTML 29Page - STMicroelectronics L9924L Datasheet HTML 30Page - STMicroelectronics L9924L Datasheet HTML 31Page - STMicroelectronics L9924L Datasheet HTML 32Page - STMicroelectronics L9924L Datasheet HTML 33Page - STMicroelectronics L9924L Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Electrical specifications
L9924L
30/84
DocID028840 Rev 3
4.3.11
Pin "F"
F pin is an input used to import a feedback of the field driver activity. The signal coming from
field is compared to a threshold VFdet and forwarded to a µC timer port.
The F signal behavior is related to the system configuration (low side or high side).
4.3.12
Pin "CSA_IN"
The CSA_IN pin is an input dedicated to rotor current sensing in high side configuration
only.
The rotor current can be measured by means of an external sense resistor.
The current sense amplifier output is connected to the µC AIN0 analog input.
Rsense must be inserted between MOS drain and A+/B+, keeping all connections towards
CSA_IN A+/B+ EPONA pins as short as possible.
Figure 11. High-side configuration.
5VGSth
Gate to source voltage
threshold for drain-to source
voltage monitoring
-
4.755.3
V
6tSCfilter
Short circuit filter time
Analogue filter
-
15
-
µs
Table 19. Electrical characteristics pin "DRAIN" and "SOURCE" (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 20. Electrical characteristics pin "F"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VFdet
Voltage threshold input
comparator
--
4.2
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com