Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 34Page - STMicroelectronics L9924L Datasheet HTML 35Page - STMicroelectronics L9924L Datasheet HTML 36Page - STMicroelectronics L9924L Datasheet HTML 37Page - STMicroelectronics L9924L Datasheet HTML 38Page - STMicroelectronics L9924L Datasheet HTML 39Page - STMicroelectronics L9924L Datasheet HTML 40Page - STMicroelectronics L9924L Datasheet HTML 41Page - STMicroelectronics L9924L Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Electrical specifications
L9924L
38/84
DocID028840 Rev 3
The values in items 5 and 6 for VGHS and VGLS are valid only when the charge pump has
been activated and it is working properly, otherwise they cannot be guaranteed.
The suggested external MOS used to drive the lamp is a self-protected PowerMOS like ST
VND5N07.
Table 23. Electrical characteristics pin "GHS" and "GLS"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high side power MOS
1IGHSON
Turn ON current
(SOURCE stage)
Tj = 25 °C,
V(LHC) don't care,
V(GHS) = V(LHC)
-
-1.65
-
mA
2IGHSOFF
Turn OFF current
(SINK stage)
Tj = 25 °C,
V(LHC) don't care,
V(GHS) - V(LHC) = VGHS
-1.65
-
mA
3IGLSON
Turn ON current
(SOURCE stage)
Tj = 25°C,
VLHCfault<V(LHC)<VLHCLSx,
V(GLS)=V(GND)
-
-1.65
-
mA
4IGLSOFF
Turn OFF current
(SINK stage)
Tj = 25 °C,
V(LHC) don't care,
V(GLS)-V(GND) = VGLS
-1.65
-
mA
5VGHS
High level voltage for gate
of High-side driver
V(A+/B+) = 7 V
CP_LOW = b0
V(LHC) = V(A+/B+)
I(CP) = 0 µA
V(LHC)
+5.5
--
V
V(A+/B+) = 12 V
CP_LOW = b0
V(LHC) = V(A+/B+)
I(CP) = 0 µA
V(LHC)
+9
V(LHC)
+11
V(LHC)
+13
V
V(A+/B+) = 24 V
CP_LOW = b0
V(LHC) = V(A+/B+)
I(CP) = 0 µA
V(LHC)
+9
V(LHC)
+11
V(LHC)
+13
V
6VGLS
High level voltage for gate
of Low-side driver
V(A+/B+) = 7 V
CP_LOW = b0
VLHCfault<V(LHC)<VLHCLS2
I(CP)=0µA
7-
-
V
V(A+/B+) = 12 V
CP_LOW = b0
VLHCfault<V(LHC)<VLHCLS2
I(CP) = 0 µA
911
13
V
V(A+/B+) = 24 V
CP_LOW = b0
VLHCfault<V(LHC)<VLHCLS2
I(CP) = 0 µA
911
13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com