Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 72Page - STMicroelectronics L9924L Datasheet HTML 73Page - STMicroelectronics L9924L Datasheet HTML 74Page - STMicroelectronics L9924L Datasheet HTML 75Page - STMicroelectronics L9924L Datasheet HTML 76Page - STMicroelectronics L9924L Datasheet HTML 77Page - STMicroelectronics L9924L Datasheet HTML 78Page - STMicroelectronics L9924L Datasheet HTML 79Page - STMicroelectronics L9924L Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
SPI interface
L9924L
76/84
DocID028840 Rev 3
12.4.17
DRV SETTINGS register [0x09]
12.4.18
TEST MODE STATUS register [0x0B]
It is a reserved read-only test register: in test mode it returns 1 otherwise 0. The application
could read this register to check if the device is working in a correct condition.
Table 59. DRV SETTINGS register [0x09]
Bit
Register name
Reset value
Description
13
Reserved
-
-
12
CSA_ENABLE(1)
1. Current Sense Amplifier CANNOT be enabled before EXTP_LS (bit 8 of [0x03] register) has been
configured.
-
Curr. Sense Amplifier Enable
11-8 Reserved
-
-
7
L_LHC_PULLDW_DIS(2)
2. If this bit is active any standby request will be ignored.
0
L/LHC active pull down disable
6
RVC_EN
0
RVC protocol selection [4.3.13]
5
L_HS_EN(3)
3. High Side drivers need charge pump activation.
0
Turn on L-High side [4.3.13]
4
L_LS_EN(4)
4. After power-up, the Smart power logic will automatically activates the line (L or LHC) corresponding to the
detected KEY signal (KEY or LH-KEY). Both L_LS_EN and LHC_LS_EN bit are set at 1 independently on
effective status of the relevant the input that can be understood reading the wakeup source register.
HIGH side and LOW side drivers of L and LHC outputs CANNOT be activated at the same time: the Smart
Power has an embedded control logic to prevent the software from applying a wrong command. In this
case the outputs are off but the bits keep the programmed value. When switching from low side to high side
or vice versa, it is necessary to switch both the drivers off and then to activate the desired driver.
The default values L and LHC LS drivers are set to 1 in order to let the system to quickly switch the lamp(s)
on without waiting any SW command.
If the input receive is not engaged or the relevant wake-up source is disabled (see register 0x04), the driver
is off even if the bit is 1.
As specified in the relevant paragraph (Pin “L”), in case of overcurrent, the lamp output is automatically
turned off. In this case, before a new trial it is necessary to apply a suitable delay
1
Turn on L-Low side [4.3.13]
3
LHC_HS_EN(3)
0
Turn on LHC-High side
2
LHC_LS_EN(4)
1
Turn on LHC-Low side
1
VLHC_HS1_SEL
0
Over current threshold selection High side [4.3.15]
0
VLHC_LS1_SEL
0
Over current threshold selection Low side
[4.3.15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com