Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics L9924L Datasheet HTML 16Page - STMicroelectronics L9924L Datasheet HTML 17Page - STMicroelectronics L9924L Datasheet HTML 18Page - STMicroelectronics L9924L Datasheet HTML 19Page - STMicroelectronics L9924L Datasheet HTML 20Page - STMicroelectronics L9924L Datasheet HTML 21Page - STMicroelectronics L9924L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Electrical specifications
L9924L
18/84
DocID028840 Rev 3
If A+/B+ voltage overcomes the VBIntOvp value, the system switches the field excitation off
and sets bit 7 of SPI read register 0x12 [12.4.6]: it's up to the application software to take the
appropriate actions (lamp on, drivers off, etc.).
A+/B+ signal, suitably conditioned and filtered by an 'active' divider equipped with a low-
pass filter, is forwarded to µC pin AIN5.
Figure 7. VB overvoltage protection
4.3.2
Pin "SENSE"
The system battery can be alternatively sensed using the SENSE input, instead of A+
sensing path.
A suitable resistor ladder can be selected by means of bit 12 of SPI write register 0x02,
depending on the device operating mode (12 V or 24 V [12.4.11]).
The signal, before being forwarded to µC pin AIN9, is filtered through single pole low-pass
filter.
Figure 8. Internal resistor ladder on pin SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com