Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 54Page - STMicroelectronics L9924L Datasheet HTML 55Page - STMicroelectronics L9924L Datasheet HTML 56Page - STMicroelectronics L9924L Datasheet HTML 57Page - STMicroelectronics L9924L Datasheet HTML 58Page - STMicroelectronics L9924L Datasheet HTML 59Page - STMicroelectronics L9924L Datasheet HTML 60Page - STMicroelectronics L9924L Datasheet HTML 61Page - STMicroelectronics L9924L Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
SPI interface
L9924L
58/84
DocID028840 Rev 3
latches are cleared. On the rising edge of SCLK the MOSI data are sampled and the MISO
data are up-dated. The MOSI pin receives serial data from the master with MSB first.
Likewise for MISO, data is read MSB first, LSB last. A failed transmission is indicated in the
bit 23 of the MISO frame.
See next paragraphs for further details.
12.2
SPI electrical characteristics
12.2.1
CSN input
12.2.2
SCK, MOSI input
Table 36. CSN input electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1Vin L
CSN voltage low level
-
-
-
1.3
V
2VCSNH
CSN voltage high level
-
2.3
VDD
V
3VCSNHyst
CSN hysteresis
-
-
0.4
-
V
4
RCSNpu
CSN pull-up resistor
Pull-up in Active/pull-
down in Stand-by.
Pull-up to internal 3.3-V
power rail.
V(CSN)=V(GND)
RCSNPU = -3.3 V/I(CSN)
-100
-
kΩ
Table 37. SCK, MOSI input electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1tset
Delay time from standby to
active mode
Switching from standby to
active mode. Time until
output drivers are enabled
after CSN going to high.
-
160
300
µs
2Vin L
Input voltage low level
-
-
-
1.3
V
3Vin H
Input voltage high level
-
2.3
VDD
V
4Vin Hyst
Input hysteresis
-
-
0.4
-
V
5Rin PD
Input pull-down resistor
V(in) = Vin L,MAX
Rin PD = V(in)/I(in)
-100
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com