Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 56Page - STMicroelectronics L9924L Datasheet HTML 57Page - STMicroelectronics L9924L Datasheet HTML 58Page - STMicroelectronics L9924L Datasheet HTML 59Page - STMicroelectronics L9924L Datasheet HTML 60Page - STMicroelectronics L9924L Datasheet HTML 61Page - STMicroelectronics L9924L Datasheet HTML 62Page - STMicroelectronics L9924L Datasheet HTML 63Page - STMicroelectronics L9924L Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
SPI interface
L9924L
60/84
DocID028840 Rev 3
Figure 26. SPI timing diagram
12.4
SPI registers
L9924L registers, accessed through SPI interface, can be distinguished in
READ ONLY REGISTER/BITS (RO): these registers/bits are used to give system
status and configuration information.
Status bits in read register contain the latched status of the relevant information.
READ AND CLEAR REGISTER/BITS (RC): these registers/bits are used to give
system status and configuration information.
Status bits in read register contain the latched status of the relevant information.
These bits are automatically cleared by a read operation if the data field of the SPI
word transmitted by the microcontroller to the Smart Power is 0x0A5.
READ/WRITE REGISTERS (RW): these register are used to set system configuration
and parameters and to activate/deactivate system outputs.
A write operation returns the previous register value.
WRITE ONLY REGISTERS (WO)/BITS, when read back don't return the previously
written value.
In some read/write registers there are read only bits.
Some registers are locked and a write access must be preceded by an unlock operation.
Table 40. SPI register
Register
R/W
ID
Description
SYSTEM / UNLOCK [12.4.10]
R/W
0x01
This register can be used to unlock some protected
system configurations
SYSTEM OPERATION [12.4.11]
R/W
0x02
This LOCKED register is used to configure the system
behavior
EXTERNAL POWER MOS [12.4.12]
R/W
0x03
This register is used to configure the parameter of the
external power MOS driver
WAKE-UP SOURCES AND DFM GEN
SETUP [12.4.13]
R/W
0x04
This register is used to enable or disable the wake-up
sources and configure the parameter of the DFM
signal (frequency and polarity)
DFMONITOR PWM D.C. [12.4.14]
R/W
0x05
This register is used to configure the parameter of the
DFM signal duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com