Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 35Page - STMicroelectronics L9924L Datasheet HTML 36Page - STMicroelectronics L9924L Datasheet HTML 37Page - STMicroelectronics L9924L Datasheet HTML 38Page - STMicroelectronics L9924L Datasheet HTML 39Page - STMicroelectronics L9924L Datasheet HTML 40Page - STMicroelectronics L9924L Datasheet HTML 41Page - STMicroelectronics L9924L Datasheet HTML 42Page - STMicroelectronics L9924L Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
DocID028840 Rev 3
39/84
L9924L
Electrical specifications
83
4.3.15
Pin "LHC"
This pin must be used in place of L pin, to connect the lamp when externals MOS are used
to drive the lamp and the auxiliary load relay. It acts like the L pin, when the switch "Key"
(see Figure 18) is closed (i.e. V(LHC)>VLHCHTh) the device exits stand-by condition. The
presence of the key is detected in alarm condition by regulating the voltage on LHC pin to
VLHCfault=1.26 V (typ.), when suggested external low-side MOS is biased at its typical
current.
The voltage of this pin is monitored respect to GND and A+/B+ in order to protect the
external high side and low side MOS. When the external low side is turned on, if its drain
(i.e. LHC) voltage becomes greater than VLHCLSx respect to GND the external power is
switched off and bit 0 of SPI read register 0x12 is set [12.4.6].
When the external high side is turned on, if its drain (i.e. A+/B+) voltage becomes greater
than VLHCHSx respect to LHC the external power is switched off and bit 1 of SPI read
register 0x12 is set [12.4.6].
VLHCLSx and VLHCHSx thresholds can be selected by means of bits 0 and 1 of SPI write
register 0x09 [12.4.17].
These diagnostic functions take place when GLS voltage with respect to GND is higher than
VGLSTh parameter for low side MOS and when GHS voltage with respect to LHC is higher
than VGHsTh parameter for high side MOS.
Table 24. Electrical characteristics pin "LHC"
#
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
1ILHCpulldw
Pull down current
Reg(0x09.2) = b0
Reg(0x09.7) = b0
I(LHC) > 0 @ V(LHC) = 0.7 V
ILHCpulldw=ILHCpulldw,weak +
ILHCpulldw,strong=-ILHCpullup + I(LHC)
-1
-
mA
2ILHCpulldw,weak
Weak pull-down
current
Reg(0x09.2) = b0
Reg(0x09.7) = b1
I(LHC) < 0 @ V(LHC) = 0.7 V
ILHCpulldw,weak=-ILHCpullup + I(LHC)
-50
-
µA
3ILHCpullup
Pull-up current
Reg(0x09.3) = b0
ILHCpullup=I(LHC)<0 @ V(LHC)=V(GND)
Current from HS driver injected
into LHC pin
-400
-
-
µA
4VLHCfault
LHC alarm
voltage
External low-side PowerMOS: VND5N07
I(D)=IDtyp
-1.26
-
V
5VLHCHTh
High Voltage
Threshold key-on
detector
-0.8
0.9
1.0
V
6VLHCLTh
Low Voltage
Threshold key-on
detector
-0.7
0.8
0.9
V
7TLHCdelay
Turn-on delay
time
--
-
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com