Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9924L Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 13Page - STMicroelectronics L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics L9924L Datasheet HTML 16Page - STMicroelectronics L9924L Datasheet HTML 17Page - STMicroelectronics L9924L Datasheet HTML 18Page - STMicroelectronics L9924L Datasheet HTML 19Page - STMicroelectronics L9924L Datasheet HTML 20Page - STMicroelectronics L9924L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
DocID028840 Rev 3
17/84
L9924L
Electrical specifications
83
Figure 6. Internal resistor ladder on pin A+
When the A+ voltage drops below VBlow the whole device is turned-off and could be
initialized by a Power-On Reset (PORn).
Table 8. Pin "A+/B+" electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VBOVR Operating Voltage Range
-
6
-
40
V
2IBstby12V
12-V stand-by current
consumption
V(A+/B+) = 12.6 V
6 wake-up sources active
V(PH)=V(AUX_IN)=V(GND)
LIN_BSS tied to A+/B+
RC pin tied to A+/B+ through a
resistor
--
255
µA
3IBstby24V
24-V stand-by current
consumption
V(A+/B+) = 25.2 V
6 wake-up sources active
V(PH)=V(AUX_IN)=V(GND)
LIN_BSS pin tied to A+/B+;
RC pin tied to A+/B+ through a
resistor
--
265
µA
4VBIntOvp
Over-voltage protection
threshold (12-V systems)
[0x2].12 = SEL24V_EN = b0
16.5
17.6
19
V
Over-voltage protection
threshold (24-V systems)
[0x2].12 = SEL24V_EN = b1
33
35.5
38
V
5VBlow
A+/B+ under-voltage
-
4.5
5.3
6
V
6
αB
Resistor divider attenuation
[0x2].12 = SEL24V_EN = 0
3.96
4
4.04
V/V
[0x2].12 = SEL24V_EN = 1
7.925
8
8.069
V/V
7
εB
Resistor divider accuracy
[0x2].12 = SEL24V_EN = 1
-
-
0.9
%
8fBp
Pole frequency
-
520
860
1570
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com