Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics L9963E Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBAT_DIV_RES
VBAT Voltage Measurement
Resolution Related to ADC +
divider (VBATT_MONITOR)
Design info
70 V full scale input,
Related to ADC + divider
(VBATT_MONITOR)
1.33
mV
VBAT_SUM_ERR_1
VBAT = C14
C0 = GND
Sum of cells accuracy + drift
Noise contribution of each single
cell is given in Table 39
0.1 V ≤ VCELL < 0.3 V
-40 °C < TJ < 125 °C
-140
140
mV
VBAT_SUM_ERR_2
0.3 V ≤ VCELL < 0.5 V
-40 °C < TJ < 125 °C
-70
70
mV
VBAT_SUM_ERR_3
0.5 V ≤ VCELL < 0.5 V
105 °C < TJ < -125 °C
-56
56
mV
VBAT_SUM_ERR_4
0.5 V ≤ VCELL < 3.2 V
-40 °C < TJ < 105 °C
-20
20
mV
VBAT_SUM_ERR_5
3.2 V ≤ VCELL < 4.3 V
-40 °C < TJ < 105 °C
-28
28
mV
VBAT_SUM_ERR_6
4.3 V ≤ VCELL < 5 V
-40 °C < TJ < 105 °C
-36.5
36.5
mV
VBATERR
VBAT Voltage Measurement
Error
Related to ADC + divider
(VBATT_MONITOR)
Tested by SCAN
±0.5%
VBAT
VBAT_CRITICAL_OV_TH
VBAT Over-voltage Fault
Threshold
Related to ADC + divider
(VBATT_MONITOR)
Tested by SCAN
70
70.35
70.7
V
VBAT_OVHYS (ADC)
VBAT Over-voltage Hysteresis
Voltage
Related to ADC + divider
(VBATT_MONITOR)
Tested by SCAN
200
mV
VBAT_CRITICAL_UV_TH
VBAT Under-voltage Fault
Threshold
Related to ADC + divider
(VBATT_MONITOR)
Tested by SCAN
9.6
9.95
10.3
V
VBAT_UVHYS
VBAT Under-voltage Hysteresis
Voltage
Related to ADC + divider
(VBATT_MONITOR)
Tested by SCAN
200
mV
VBAT_OV_WARNING
(COMP)
VBAT warning OV Threshold
Analog comparator related to
VBAT
64
67
70
V
VBAT_OV_WARN_HYS
(COMP)
VBAT warning OV Hysteresis
Voltage
Analog comparator related to
VBAT
2.2
2.5
2.8
V
VBAT_UV_WARNING
(COMP)
VBAT warning UV Threshold
Analog comparator related to
VBAT
10
11
12
V
VBAT_UV_WARN_HYS
(COMP)
VBAT warning UV Hysteresis
Voltage
Analog comparator related to
VBAT
230
300
370
mV
TVBAT_FILT
UV/OV digital filter time
Tested in SCAN
300
μs
1. The total voltage measurement is used for detecting the OV/UV of the chip inputs. Moreover, it also provides a redundant
check for functional integrity and measurement accuracy of the cell voltage. It is realized by summing the voltage of all cell
ADC.
2. The OV/UV thresholds of VBAT can be set by user.
L9963E
VBAT voltage measurement
DS13636 - Rev 12
page 44/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com