Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 184 page
background image
4.11.3
Cell open wire diagnostic
The cell open detection can be performed through the Voltage Conversion Routine and it has been studied to
address several safety issues. Diagnostic strategy depends on the ADC_CROSS_CHECK bit.
4.11.3.1
Cell open with ADC_CROSS_CHECK = 0
If the Cell Terminal Diagnostics step of the Voltage Conversion Routine is executed having programmed
ADC_CROSS_CHECK = 0, then the diagnostic addresses the following failures:
•
RLPF degradation: diagnostic has been implemented to guarantee that low pass filter resistor in series to
the Cx pin is below the critical limit RLPF_OPEN
–
On odd cells, RLPF degradation will cause the assertion of the corresponding CELLx_OPEN flag
–
On even cells, flag assertion depends on the RLPF degradation
◦
A small degradation (RLPF < 24 kΩ typ. with 10 nF CLPF) will only cause the assertion of the
corresponding CELLx_OPEN flag
◦
A huge degradation (RLPF > 24 kΩ typ. with 10 nF CLPF) will cause the assertion of both the
corresponding CELLx_OPEN flag and the lower odd cell CELLx-1_OPEN flag
•
L9963E C1-C14 pin open
•
L9963E C0 pin open or PCB connector open
Diagnostic is present just on enabled cells (VCELLx_EN = 1).
The mechanism used for this detection is based on a diagnostic pull down current (IOPEN_DIAG_CX), which allows
to measure the voltage drop generated on the external RLPF resistance connected in series to Cx pin. If such a
voltage drop is higher than VCxOPEN threshold a Cx open connection is detected.
C0 open diagnostic is performed with a pullup current (IOPEN_DIAG_C0) instead of a pulldown. A dedicated
comparator senses C0 pin voltage and compares it with VCxOPEN. In case V(C0) > VCxOPEN, open detection
occurs.
In case of failure detection on an enabled cell:
•
Corresponding fault flag is set and latched into CELLx_OPEN register;
•
Fault is propagated through the FAULT Line;
•
Voltage conversion routine goes into Configuration Override.
For further details see Section 4.12 Voltage conversion routine.
4.11.3.2
Cell open with ADC_CROSS_CHECK = 1
If the Cell Terminal Diagnostics step of the Voltage Conversion Routine is executed having programmed
ADC_CROSS_CHECK = 1, then the diagnostic addresses the following issues:
•
Failure in the filtering capacitor CLPF causing an excessive leakage from cell;
•
ADC error due to bandgap shift or failure on the conversion path.
The mechanism used for this detection is the same as Cell open with ADC_CROSS_CHECK = 0, except that no
pull-down current is sunk from Cx pin.
For each pair of consecutive cells, the two corresponding ADCs, each of whom is referenced to a different
bandgap, are measuring the voltage drop on the external RLPF.
Since no pull-down current is applied while measurement is on going, the voltage drop on RLPF is expected to be
null, and the two measurement results should match.
If one of the two ADCs is experiencing an issue, or an excessive leakage from the CLPF is causing a voltage
drop on the RLPF, a mismatch in the results occurs. If such a mismatch is greater than VADC_CROSS_FAIL, failure
is detected.
In case of failure detection on an enabled cell:
•
The CELLx_OPEN fault latch will be set for both cells belonging to the pair that failed;
•
Fault is propagated through the FAULT Line;
•
Voltage conversion routine goes into Configuration Override.
For further details see Section 4.12 Voltage conversion routine.
L9963E
Safety and diagnostic features
DS13636 - Rev 12
page 67/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com