Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 3 Page - STMicroelectronics

  L9963E Datasheet HTML 1Page - STMicroelectronics L9963E Datasheet HTML 2Page - STMicroelectronics L9963E Datasheet HTML 3Page - STMicroelectronics L9963E Datasheet HTML 4Page - STMicroelectronics L9963E Datasheet HTML 5Page - STMicroelectronics L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 184 page
background image
1
Device introduction
The L9963E is intended for operation in both hybrid (HE) and full electric (FE) vehicles using lithium battery
packs. The IC embeds all the features needed to perform battery management. A single device can monitor from
4 up to 14 cells. Several devices can be stacked in a vertical arrangement in order to monitor up to 31 battery
packs for a total of 434 series cells.
The device can be supplied with the same battery it monitors, and generates stable internal references by
means of a voltage regulator and a bootstrap. Both units need to be surrounded by external components
to be functional. It also features two internal bandgaps that are constantly monitored by internal circuitry to
guarantee measurement precision. The microcontroller can also monitor the precision of the bandgap by reading
the conversion of an internally generated voltage reference (VTREF).
L9963E main activity consists in monitoring cells and battery pack status through stack voltage measurement,
cell voltage measurement, temperature measurement and coulomb counting. Measurement and diagnostic tasks
can be executed either on demand or periodically, with a programmable cycle interval. Measurement data is
available for an external microcontroller to perform charge balancing and to compute the State Of Health (SOH)
and State Of Charge (SOC). In a typical use, the IC works in normal mode performing measurement conversions,
diagnostics and communication; the device can also be put into a cyclic wake up state, in order to reduce the
current consumption from the battery: while in this state, the main functions are activated periodically.
Passive cell balancing can be performed either via internal discharge path or via external MOSFETs. The
controller can either manually control the balancing drivers or start a balancing task with a fixed duration. In
the second case, the balancing may be programmed to continue also when the IC enters a low power mode
called Silent Balancing, in order to avoid unnecessary current absorption from the battery pack.
Thanks to the GPIOs, the device also offers the possibility to operate a distributed cell temperature sensing via
external NTCs resistances. In general, the GPIOs can be used to perform both absolute and differential voltage
conversions. They can also be configured as digital inputs/outputs. The IC supports up to 7 NTCs.
The external microcontroller can communicate with L9963E via SPI protocol, depending on the status of one pin
at the startup (SPIEN pin). The physical layer can be either a classical 4-wire based SPI or a 2-wire, transformer/
capacitive based, isolated interface through a dedicated isolated transceiver device. L9963E, in fact, can be used
as a transceiver, acting as a bridge between the two physical layers. In case of multiple L9963E vertically arrayed,
each L9963E communicates with the others by means of a vertical isolated interface. The microcontroller can
either address a single device of the chain or send broadcast commands.
L9963E has been engineered to perform automatic validation of any failure involving the cells or the whole battery
pack. The device is able to detect the loss of the connection to a cell or GPIO terminal. Moreover it features a
HardWare Self Check (HWSC) that verifies the correct functionality of the internal analog comparators and the
ADCs. All these checks are automatically performed in case a failure involving both cells or the battery pack
is detected, in order to always provide reliable information to the external microcontroller. The current sensing
interface used for coulomb counting is also capable of detecting failures such as open wires and overcurrent in
sleep mode. Conversions for coulomb counting are validated by built in self-test of the precision and detecting
any counter overflow. The cell balancing terminals can detect any short/open fault and the internal powerMOS are
protected against overcurrent.
The stack voltage is monitored for OV/UV by three parallel and independent systems. They have been
engineered to protect the IC against AMR violation, to detect any overvoltage event as per LV 148 and to
provide the possibility to trim the OV/UV levels according to the application and the total number of cells.
Moreover, all internal voltage regulators are equipped with UV/OV detection circuitry, that is also self-validated
upon failure detection via HWSC. Ground loss detection has also been implemented. In case of overtemperature,
thermal shutdown protects the IC. GPIOs are capable of detecting ‘stuck @’ faults when used as digital outputs.
Communication integrity is guaranteed by CRC check, while trimming and calibration data is continuously
checked against corruption. Protocol errors such as incorrect address, inconsistent frame and communication
interruption will be detected.
Critical failure modes will trigger the assertion of a dedicated FAULT line (implemented via two GPIOs),
propagating through the L9963E chain via external optocouplers and reaching the microcontroller. L9963E can
guarantee the FAULT line integrity via a heartbeat routine.
L9963E
Device introduction
DS13636 - Rev 12
page 3/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com