Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 3Page - STMicroelectronics L9963E Datasheet HTML 4Page - STMicroelectronics L9963E Datasheet HTML 5Page - STMicroelectronics L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
Pin #
Pin name
Description
I/O type(1)
5
VCOM
Regulated power supply used for communication interfaces. Connect a tank
capacitor as indicated in Table 73. Can be used to supply external loads with a
maximum IVCOM_ext current budget.
P
6
CGND
Communication ground. Connect to DGND on top.
G
7
ISOHp
Non-inverting, high-side isolated serial communication port. Refer to
Section 4.2.3 Isolated Serial Peripheral Interface. Refer to Section 6.8 ISO lines
circuit.
AIO
8
ISOHm
Inverting, high-side isolated serial communication port. Refer to
Section 4.2.3 Isolated Serial Peripheral Interface. Refer to Section 6.8 ISO lines
circuit.
AIO
9
DGND
Digital ground. Connect to AGND on top.
G
10
GPIO1_ FAULTH
Digital input used for FAULTH receiver. Refer to Section 4.3 FAULT line.
DI
11
GPIO2_ FAULTL
Digital output used for FAULTL transmitter. Refer to Section 4.3 FAULT line.
DO
12
GPIO3
General-purpose I/O. Refer to Section 4.9 General purpose I/O: GPIOs. Generally
used to sense NTCs. Refer to Section 6.9 NTC analog front end.
AI/DI/DO
13
GPIO4
AI/DI/DO
14
GPIO5
AI/DI/DO
15
GPIO6
AI/DI/DO
16
GPIO7_ WAKEUP
General-purpose I/O. Refer to Section 4.9 General purpose I/O: GPIOs. Generally
used to sense NTCs. Refer to Section 6.9 NTC analog front end. Can be
configured to act as wake up input. Refer to Section 4.9.4 GPIO7: wake up feature.
AI/DI/DO
17
NPNDRV
Internal voltage regulator controller output. Connect to the base of the external NPN
transistor.
AO
18
VREG
Regulated analog power supply for core circuitry. Connect a tank capacitor as
indicated in Table 73. It is disabled in low power modes (Silent Balancing, Sleep
and during the OFF phase of Cyclic Wakeup). VCOM, VANA and VTREF regulators
are fed by pre-regulated VREG.
P
19
VTREF
Buffered, precise analog reference voltage for driving multiple NTCs. Connect a tank
capacitor as indicated in Table 73. It has a maximum IVTREF_ext current budget.
P
20
SPIEN
At first power up, after VCOM is out of undervoltage, this pin is sampled to
determine port L configuration. Connect to VCOM to configure SPI mode. Connect
to AGND to select isolated SPI communication.
If left floating, this pin has a 100KΩ internal Pull down, forcing isolated SPI mode.
DI
21
VANA
Precise ADC analog supply. Connect a tank capacitor as indicated in Table 73.
P
22
AGND
Analog/ESD ground. Ground supply of chip.
G
23
ISENSEp
Non-inverting input of current measurement. Refer to Table 73.
AI
24
ISENSEm
Inverting input of current measurement. Refer to Table 73.
AI
25
GNDREF
Analog/reference GND. Connect to AGND on top
G
26
C0
Connect to the negative terminal of 1st cell.
AI
27
C1
Cell voltage input. Connect to the positive terminal of 1st cell.
AI
28
S1
Cell balancing FET control output for 1st cell.
AO
29
B2_1
Common terminal for cell balancing S1 and S2.
AO
30
S2
Cell balancing FET control output for 2nd cell.
AO
31
C2
Cell voltage input. Connect to the positive terminal of 2nd cell.
AI
32
C3
Cell voltage input. Connect to the positive terminal of 3rd cell.
AI
33
S3
Cell balancing FET control output for 3rd cell.
AO
34
B4_3
Common terminal for cell balancing S3 and S4.
AO
35
S4
Cell balancing FET control output for 4th cell.
AO
L9963E
Pin description
DS13636 - Rev 12
page 7/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com