Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 184 page
background image
4.9.6
Electrial parameters
4.9.6.1
Analog input
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 48. GPIO electrical parameters for analog input configuration
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VGPIOAN
GPIO Analog Voltage Input
Measurement Range(1)
Design info
Valid for GPIO3-9
0.1
5
V
VGPIO_ABS_RES
GPIO Analog Voltage Input
Measurement Resolution, when
ratio_abs_x_sel = 0
Application Info,
same as VCELLRES
89
μV
VGPIO_RATIO_RES
GPIO Analog Voltage Input
Measurement Resolution, when
ratio_abs_x_sel = 1
Application Info
2-16
-
IOUT_HIZ
Analog Input leakage current
Output buffer in
tristate 0 < VGPIO <
VCOM – 0.5 V
-0.5
0.5
μA
VGPIOANERR0
Accuracy
VBAT = C14
C0 = GND
0.1 V ≤ VCELL < 0.3
V
-40 °C < TJ < 125 °C
-10
10
mV
VGPIOANERR1
0.3 V ≤ VCELL < 0.5
V
-40 °C < TJ < 125 °C
-5
5
mV
VGPIOANERR2
0.5 V ≤ VCELL ≤ 5 V
105 °C < TJ < -125
°C
-7
7
mV
VGPIOANERR3
0.5 V ≤ VCELL < 3.2
V
-40 °C < TJ < 105 °C
-2
2
mV
VGPIOANERR4
3.2 V ≤ VCELL ≤ 4.3
V
-40 °C < TJ < 105 °C
-2.4
2.4
mV
VGPIOANERR5
4.3 V ≤ VCELL ≤ 4.7
V
-40 °C < TJ < 105 °C
-2.6
2.6
mV
VGPIOANERR6
4.7 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 105 °C
-6
6
mV
VGPIOANERR0
Accuracy + Drift
VBAT = C14
C0 = GND
Noise contribution is VCELL_NOISE1
0.1 V ≤ VGPIO < 0.3
V
-40 °C < TJ < 125 °C
-10
10
mV
VGPIOANERR1
0.3 V ≤ VGPIO < 0.5
V
-40 °C < TJ < 125 °C
-5
5
mV
VGPIOANERR2
0.5 V ≤ VGPIO ≤ 5 V
105 °C < TJ < -125
°C
-8
8
mV
L9963E
General purpose I/O: GPIOs
DS13636 - Rev 12
page 60/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com