Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TCELL_SET_01
Settling time in respect to the first step
of the Voltage Conversion Routine
for balancing auto pause and VTREF
dynamic enable
Tested by SCAN
175
μs
TCELL_SET_10
Settling time in respect to the first step
of the Voltage Conversion Routine
for balancing auto pause and VTREF
dynamic enable
Tested by SCAN
350
μs
TCELL_SET_11
Settling time in respect to the first step
of the Voltage Conversion Routine
for balancing auto pause and VTREF
dynamic enable
Tested by SCAN
700
μs
1. The drift in spec accounts for the effects of both soldering and ageing. Post-soldering drift is provided on “as is” basis for
information only and it has been evaluated on a limited population of 30 samples, hence subject to potential deviations.
HTOL ageing was evaluated according to automotive qualification flow.
4.5
VBAT voltage measurement
4.5.1
Total battery voltage measurement
A measurement of the total stack voltage is implemented in two ways:
•
By summing the single cell voltage during the Cell Conversion, thus obtaining VBATT_SUM, stored in
Vsum_batt(19:0)
•
Directly converting the VBAT pin during VBAT Conversion, thus obtaining VBATT_MONITOR, stored in
VBAT_DIV
Both results can be read as:
Stack voltage decoding
VBATT_SUM=BINARY_CODE×VBATRES
VBATTT_MONITOR=BINARY_CODE×VBATRES
(3)
Besides that, an independent analog comparator monitors the VBAT pin for fast UV/OV detection.
Refer to Section 4.11.2 Total battery VBAT diagnostic for further information about diagnostics.
4.5.2
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C; Shift between AGND, DGND, CGND, GNDREF below +/-100
mV
Table 40. Stack voltage measurement electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBATRES
VBAT Voltage Measurement
Resolution(1)
Design info
70 V full scale input, obtained
by sum of all cell voltages
89
μV
VBAT_OV_SUM
VBAT Over-voltage Fault
Threshold(2)
VBATT_SUM_OV_TH
Tested by SCAN
Related to sum of ADC
(VBATT_SUM)
70.35
V
VBAT_UV_SUM
VBAT Under-voltage Fault
Threshold(2)
VBATT_SUM_UV_TH
Tested by SCAN
Related to sum of ADC
(VBATT_SUM)
10
V
VBAT_SUM_RES
Stack voltage UV/OV resolution
for Sum Of Cells
Tested by SCAN
364.544
mV
L9963E
VBAT voltage measurement
DS13636 - Rev 12
page 43/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com