Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics L9963E Datasheet HTML 48Page - STMicroelectronics L9963E Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
4.6
Cell current measurement
The current flowing into the external shunt resistance RSENSE is measured through a differential amplifier stage
(connected between ISENSEP/ISENSEM pins) feeding a 18 bits ADC.
The current conversion chain can be enabled through the CoulombCounter_en bit and runs in background to
perform the Coulomb Counting Routine.
Moreover, L9963E also allows to synchronize the Voltage Conversion Routine and the Coulomb Counting
Routine for a precise State Of Charge estimation. Everytime an on-demand voltage conversion is requested by
setting SOC = 1, the actual conversion start is delayed until the first useful current conversion takes place. This
might result in a maximum delay of TCYCLEADC_CUR, that must be taken into account by user SW only in case
current ADC is enabled.
Synchronized current sample is available into the CUR_INST_Synch.
4.6.1
Cell current ADC
In the typical application, the current measurement is performed by detecting the voltage drop on a shunt resistor
RSENSE with a value of 0.1 mΩ, with a current range of +/-1500 A. By changing the value of the shunt
resistance, it is possible to cover different current ranges.
The architecture includes an ADC that converts ISENSEP-ISENSEM voltage information into a digital value.
The input range of current measurement is set from -1500 A to +1500 A. In the range of [-600 A, +600 A], a
constant error value of ±3 A (which is 600 A × ±5‰) is set to avoid the unlimited small error near the zero current.
In the range of [-1500 A, -600 A) and (+600 A, +1500 A], the accuracy of ±5‰ is chosen.
Converted value is available in CUR_INST_calib register and follows 2’s complement notation. Cell current can
be calculated according to the following formula:
Cell current measurement
VISENSE=BINARY_CODE2′s complement×VISENSE_RES
ICELL=VISENSE
RSHUNT
(4)
4.6.2
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C; Shift between AGND,DGND,CGND,GNDREF below +/-100
mV
Table 41. Current measurement electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Freq_CURR_MEAS
Frequency of input
voltage
Not tested, design info
1
kHz
TCYCLEADC_CUR
Conversion Time for
Cyclic Wakeup state
operation
Not tested, design info
328.25
µs
ICELL
Current Input
Measurement Range
Application only, not to be tested
(Rshunt = 0.1 mΩ)
-1500
1500
A
IISENSEP
ISENSEP input current
ISENSEP = 0 mV
-140
-70
-30
μA
IISENSEM
ISENSEM input current
ISENSEM = 0 mV
-140
-70
-30
μA
IISENSE_DIF
ISENSE differential
current
-1
1
μA
IISENSEP_LEAK
ISENSEP input leakage
current
ISENSEP = 3.3V
300
nA
IISENSEM_LEAK
ISENSEM input leakage
current
ISENSEM = 3.3V
300
nA
L9963E
Cell current measurement
DS13636 - Rev 12
page 45/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com