Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
3.1.1
Supply voltage ranges
The device operates up to 14 cells of battery for hybrid and electric vehicles. The device can cover the voltage
range of the main automotive Lithium batteries, up to a maximum of 4.6 V per cell in operating conditions. The IC
has been engineered to sustain transient OV events as per LV 148
All operative ranges are listed in the picture below.
If the stand by V3V3 regulator goes in POR, the device is put in reset.
Figure 4. Device operation in the VBAT supply voltage ranges
AMR
Violation
•Permanent
damage
•Permanent
parameter
deviation
Critical
UV
• Params may
deviate
• Balance
disabled
• Transceiver
usage
Dyn UV
•No
param
deviation
•All
functions
guarante
ed
Normal
Op
•All
functions
guarantee
d
Dyn OV
•Cell total
error
slightly
increased
•All
functions
guarantee
d
Critical
OV
•Params
may
deviate
•All
functions
available
AMR
Violation
•Permanent
damage
•Permanent
parameter
deviation
VBAT
3.2
Absolute maximum ratings
Exceeding any Absolute Maximum Rating (AMR) may cause permanent damage to the integrated circuit.
All voltages are related to the potential at substrate ground AGND.
Table 3. Absolute Maximum Rating
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBAT, C14
-
-0.3
-
72
V
C0
-
-0.3
-
0.3
V
C(n); B(n,n-1); Sn
-
-0.3
-
72
V
C(n)-C(n-1) for n=1 to 14
-
In this range, the device is not
damaged, but leakage from
pins may exceed ICELL_LEAK
(see Table 39) if ADCs are
enabled; it doesn’t exceed if
ADCs are disabled
-72
-
72
V
C(n)-C(n-1) for n=1 to 14
-
In this range, the leakage from
pins ICELL_LEAK is guaranteed
(see Section 6.10.5 Busbar
connection) if ADCs are
enabled or disabled
-6
-
6
V
S(n+1)-B(n+1,n) B(n+1,n)-S(n)
for n=1 to 13 odd
-
-0.3
-
VBAL_CLAMP
V
C(n)-S(n) for n=1 to 14
-
Vreg < 2 V
-72
-
72
V
VBAT-C14
-
-72
-
72
V
ISOHP/M, ISOLP/M
-
-0.3
-
6
V
GPIOn
-
-0.3
-
5.5
V
SPIEN
-
-0.3
-
12
V
VTREF
-
-0.3
-
6
V
L9963E
Absolute maximum ratings
DS13636 - Rev 12
page 10/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com