Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics L9963E Datasheet HTML 27Page - STMicroelectronics L9963E Datasheet HTML 28Page - STMicroelectronics L9963E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
4.2.3.3
Electrical parameters
4.2.3.3.1
Receiver
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT <64 V; -40 °C < Tambient < 105 °C
Table 17. Isolated receiver electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDIFF_ISO_IN3 Differential input voltage threshold |V(ISOP) – V(ISOM)|
100
250
400
mV
VCM_ISO_IN
Input voltage common mode
range
|V(ISOP) + V(ISOM)| /2
Design info
0
1.9
V
RISO_DIFF
Differential input resistance
VIF enabled, no communication
Resistance measured between ISOP and
ISOM pins
5
15
kΩ
RISO_EXT
External termination resistance
connected between ISOxP and
ISOxM pins
Info only, not tested
120
Ω
IISO_LEAK
ISO input leakage current
0 V < ISOHP/M, ISOLP/M < VCOM
5
μA
TDET_MIN_WU
Minimum pulse duration to be
detected
Application info
400
ns
Wakeup_thr
Wake up comparator threshold
80
200
320
mV
4.2.3.3.2
Transmitter
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 18. Isolated transmitter electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDIFF_ISO_OUT1
Total output resistance: sum of
pullup and pulldown resistance
contribution
Rpullup measured with
V(ISOHL/MP) = 1.5 V
Rpulldown measured with
V(ISOHL/MP) = 0.9 V
(out_res_tx_iso = 00, default)
310
440
570
Ω
RDIFF_ISO_OUT2
(out_res_tx_iso = 01)
220
314
410
Ω
RDIFF_ISO_OUT3
(out_res_tx_iso = 11)
170
244
310
Ω
VCM_ISO_OUT
Output voltage common mode
|V(ISOP) + V(ISOM)|/2
1
1.4
V
TBIT_HIGH_LOW_FAST
High/low level bit duration into
a whole period in case of high
frequency configuration
Application info
iso_freq_sel = 11
62.5
ns
TBIT_HIGH_LOW_SLOW
High/low level bit duration into
a whole period in case of low
frequency configuration
Application info
iso_freq_sel = 00
500
ns
TBIT_LENGTH_FAST
Bit duration with high frequency
configured
Guarantee by SCAN
iso_freq_sel = 11
375
ns
TBIT_LENGTH_SLOW
Bit duration with low frequency
configured
Guarantee by SCAN
iso_freq_sel = 00
3
μs
FISO_FAST
Isolated Communication Rate
High frequency communication
Application info
2.66
Mbps
L9963E
Serial communication interface
DS13636 - Rev 12
page 25/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com