Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 50Page - STMicroelectronics L9963E Datasheet HTML 51Page - STMicroelectronics L9963E Datasheet HTML 52Page - STMicroelectronics L9963E Datasheet HTML 53Page - STMicroelectronics L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 184 page
background image
4.8.1
Linear regulators
VREG
This is a linear regulator that exploits an external MOS in order to decrease the power dissipation inside L9963E.
It acts as pre-regulator supplying all other internal regulatos (VANA, VCOM, VTREF and VDIG). It is switched
OFF in low power modes (Sleep, Silent Balancing, OFF phase of Cyclic Wakeup). The source of the MOS is
connected to VREG pin, while the gate is connected to NPNDRV pin and the drain to VBAT. VREG regulator has
to be intended for L9963E use only. For the regulator external components, refer to Table 73.
VREG regulator has a dedicated UV/OV diagnostic:
•
if VREG voltage goes below VVREG_UV threshold for a time longer than TVREG_FILT a VREG undervoltage
condition is latched into VREG_UV flag and the bootstrap is disabled;
•
if VREG voltage goes over VVREG_OV threshold for a time longer than TVREG_FILT a VREG overvoltage
condition is latched into VREG_OV flag.
VANA
This low drop regulator supplies all the ADC, comparators, monitors, main bandgap, current generator and other
analogic blocks. An external stabilization capacitance placed close to the pin is needed (see Table 73). VANA
regulator has to be intended for L9963E use only.
VANA regulator has a dedicated UV/OV diagnostic:
•
if VANA voltage goes below VVANA_UV threshold for a time longer than TPOR_FILT a POR condition is
triggered;
•
if VANA voltage goes over VVANA_OV threshold for a time longer than TVANA_OV_FILT a VANA overvoltage
condition is latched into VANA_OV flag.
VANA regulator has an internal current limitation, its value is IVANA_curr_lim.
VCOM
The isolated communication receiver/transmitter and the GPIO output buffers are supplied by this low drop
regulator. An external stabilization capacitance placed close to the pin is needed (see Table 73).
VCOM regulator can also be used to supply external loads with IVCOM_ext max. current budget.
VCOM regulator has a dedicated UV/OV diagnostic:
•
if VCOM voltage goes below VVCOM_UV threshold for a time longer than TVCOM_FILT a VCOM undervoltage
condition is latched into VCOM_UV flag;
•
if VCOM voltage goes over VVCOM_OV threshold for a time longer than TVCOM_FILT a VCOM overvoltage
condition is latched into VCOM_OV flag.
VCOM regulator has an internal current limitation, its value is IVCOM_curr_lim.
VTREF
This low drop regulator is used as precise voltage reference to supply external components such as NTCs for
temperature sensing. An external stabilization capacitance placed close to the pin is needed (see Table 73).
VTREF regulator has IVTREF_ext max. current budget. The recommended application circuit in NTC Analog
Front End guarantees that each NTC channel sinks no more than 500 μA.
VTREF regulator has a dedicated UV/OV diagnostic:
•
if VTREF voltage goes below VVTREF_UV threshold for a time longer than TVTREF_FILT a VTREF
undervoltage condition is latched into VTREF_UV flag;
•
if VTREF voltage goes over VVTREF_OV threshold for a time longer than TVTREF_FILT a VTREF overvoltage
condition is latched into VTREF_OV flag.
VTREF regulator has an internal current limitation, its value is IVTREF_curr_lim.
VTREF regulator is disabled by default. Its operation can be controlled via SPI according to Table 55.
VDIG
VDIG regulator has a dedicated UV/OV diagnostic:
•
if VDIG voltage goes below VVDIG_UV threshold for a time longer than TPOR_FILT a POR condition is
triggered;
•
if VDIG voltage goes over VVDIG_OV threshold for a time longer than TVDIG_FILT a VDIG overvoltage
condition is latched into VDIG_OV flag.
L9963E
Device regulators
DS13636 - Rev 12
page 54/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com