Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
•
The best performances in terms of differential noise attenuation can be achieved by choosing the longest
TCYCLEADC_XXX among the valid ones.
4.4.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C; Shift between AGND, DGND, CGND, GNDREF below +/-100
mV
Table 39. Cell voltage ADC electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCELL
Cell Voltage Input Measurement Range
Design info
C(n), n=1-14
0.1
5
V
VCELLRES
Cell Voltage Measurement Resolution
Design info
89
μV
ICELL_LEAK
Cn leakage current
C(n), n=1-14
|C(n) – C(n-1)| < 6V
300
nA
VCELLERR0
Accuracy
VBAT = C14
C0 = GND
0.1V ≤ VCELL < 0.3 V
-40 °C < TJ < 125 °C
-10
10
mV
VCELLERR1
0.3 V ≤ VCELL < 0.5 V
-40 °C < TJ < 125 °C
-5
5
mV
VCELLERR2
0.5 V ≤ VCELL ≤ 5 V
105 °C < TJ < -125 °C
-6
6
mV
VCELLERR3
0.5 V ≤ VCELL < 3.2 V
-40 °C < TJ < 105 °C
-1
1
mV
VCELLERR4
3.2 V ≤ VCELL ≤ 4.3 V
-40 °C < TJ < 105 °C
-1.4
1.4
mV
VCELLERR5
4.3 V ≤ VCELL ≤ 4.7 V
-40 °C < TJ < 105 °C
-1.6
1.6
mV
VCELLERR6
4.7 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 105 °C
-5
5
mV
VCELLERR0
Accuracy + Drift(1)
VBAT = C14
C0 = GND
0.1V ≤ VCELL < 0.3 V
-40 °C < TJ < 125 °C
-10
10
mV
VCELLERR1
0.3 V ≤ VCELL < 0.5 V
-40 °C < TJ < 125 °C
-5
5
mV
VCELLERR2
0.5 V ≤ VCELL ≤ 5 V
105 °C < TJ < -125 °C
-7
7
mV
VCELLERR3
0.5 V ≤ VCELL < 3.2 V
-40 °C < TJ < 105 °C
-1.4
1.4
mV
VCELLERR4
3.2 V ≤ VCELL ≤ 4.3 V
-40 °C < TJ < 105 °C
-2
2
mV
VCELLERR5
4.3 V ≤ VCELL ≤ 4.7 V
-40 °C < TJ < 105 °C
-2.6
2.6
mV
VCELLERR6
4.7 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 105 °C
-6.5
6.5
mV
L9963E
Cell voltage measurement
DS13636 - Rev 12
page 41/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com