Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics L9963E Datasheet HTML 48Page - STMicroelectronics L9963E Datasheet HTML 49Page - STMicroelectronics L9963E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCUR_SENSE
Input voltage for ADC
conversion
Application info. Absolute voltage on
ISENSEP/M pins. Same as operating
range
-300
+300
mV
VDIFF_CUR_SENSE
Differential input voltage.
ISENSEP- ISENSEM
range
Design info
-150
+150
mV
ICELLRES
Current Measurement
Resolution
±1750 A full scale input assuming 18-
bit signed data output and an Rshunt =
0.1 mΩ
Not tested, application info
13.33
mA
VISENSE_RES
Voltage Measurement
Resolution
±175 mV full scale input assuming 18-
bit signed data output
Design info
1.33
μV
ICELLERR
Current Measurement
Error VDIFF_SENSE
= V(ISENSE+) -
V(ISENSE-)
-150 mV ≤ VDIFF_CUR_SENSE < -60
mV,
-40 °C < TJ < 125 °C
-0.5
0.5
%
ICELLERR2
-60 mV ≤ VDIFF_CUR_SENSE ≤ 60 mV
-40 °C < TJ < 125 °C
-0.3
0.3
mV
ICELLERR3
60 mV < VDIFF_CUR_SENSE ≤ 15 0 mV,
-40 °C < TJ < 125 °C
-0.5
0.5
%
ICURR_SENSE_OC_SLEEP
ISENSE Over-current
Fault Threshold in Cyclic
Wakeup
Tested in SCAN (76.8A with Rshunt =
0.1 mΩ)
0
10.55488 mV
ICURR_SENSE_OC_NORM
ISENSE Over-current
Fault Threshold in Normal
0
175
mV
ICELL_OC_SLP_RES
ISENSE Over-current
Fault Threshold
Resolution in Cyclic
Wakeup
Application info (+/-3.4048A with
Rshunt = 0.1 mΩ)
340.48
μV
ICELL_OC_NORM_RES
ISENSE Over-current
Fault Threshold
Resolution in Normal
Application info (+/-13.3 mA with
Rshunt = 0.1 mΩ)
1.33
μV
VISENSE_OPEN_thr
ISENSE pins open
threshold voltage
1.5
1.7
1.9
V
TCURR_SENSE_OPEN_filter Open digital filter time
Tested in SCAN
60
μs
4.7
Cell balancing
The Sx and Bx_x-1 pins are used to balance the charge of the cells by discharging the ones with a higher SOC
(State Of Charge). Balancing can be performed either with external or internal MOSFETs.
Cell balance drivers are powered by VBAT stack voltage. Hence, balancing is theoretically possible even at low
cell voltages, with an exception for cell 14. In case VCELL14 < VCELL14_BAL_MIN, the correspondent balancing
circuitry will not operate properly and false overcurrent detection may occur.
4.7.1
Passive cell balancing with internal MOSFETs
The internal balancing requires only on-board resistors, and the MOSFETs which are embedded in the chip.
L9963E
Cell balancing
DS13636 - Rev 12
page 46/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com