Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics L9963E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 184 page
background image
Figure 9. Isolated SPI interface
Table 16. Isolated SPI quick look
Parameter
Description
Protocol
Half-Duplex / Out of frame
Single Frame Length
40 bit
Addressable Devices
31
Frame protection
6 bit CRC
Max. Bit-rate
2.66 Mbps (high speed configuration)
333 kbps (low speed configuration, default)
Master/Slave configuration
L9963E Slave
The transmission line on the isolated SPI exploits a single twisted pair. Communication data is transmitted/
received over a pulse-shaped signal, in a half-duplex protocol.
Line bit-rate can be selected by programming the iso_freq_sel bit via SPI. A single bit is made of a pulse time
(TPULSE) followed by two pause slices (2TPULSE).:
•
TPULSE = 2TBIT_HIGH_LOW_FAST for the high speed configuration
•
TPULSE = 2TBIT_HIGH_LOW_SLOW for the low speed configuration
Once the operating frequency has been programmed and the ISOH port has been enabled/disabled, it is possible
to lock these settings by writing the Lock_isoh_isofreq bit to ‘1’, to avoid unwanted changes due to wrong MCU
write frame.
Lock_isoh_isofreq is added to the reg map into a separate register in respect to isotx_en_h and iso_freq_sel,
in order to avoid that a single frame can both unlock and write fields
Lock_isoh_isofreq bit (default 0) is reset every time the device goes to a low power mode. When
Lock_isoh_isofreq is set to ‘1’, isotx_en_h and iso_freq_sel bits are write protected
Architecture and MCU command’s time constraints are specified taking into account signal propagation delay over
the communication bus. Refer to Inter-frame delay for further details.
L9963E
Serial communication interface
DS13636 - Rev 12
page 23/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com