Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics L9963E Datasheet HTML 27Page - STMicroelectronics L9963E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 184 page
background image
Figure 10. Isolated SPI pulse shape and logical meaning
4.2.3.1
ISO communicator receiver and transmitter
An isolated receiver and transmitter are connected to the couple of pins ISOLP/M and ISOHP/M. Depending on
the communication phase, they can be enabled or disabled.
4.2.3.1.1
ISO communicator receiver
The receiver is able to convert a differential input signal into a single ended signal that is provided to the logic.
In order to guarantee a correct communication and guarantee Wake up via Communication Interface the input
common mode must be included into range VCM_ISO_IN.
At power up by default the device is configured for a low frequency communication (FISO_SLOW); higher frequency
FISO_FAST can be configured by acting on the iso_freq_sel bit.
4.2.3.1.2
ISO communicator transmitter
The transmitter is able to force as differential output the single ended signal that is provided by the logic.
Transmitter output impedance can be programmed via out_res_tx_iso (RDIFF_ISO_OUT1…3), as described in
Table 18. It affects differential pulse amplitude. In order to guarantee a correct communication in case of high
frequency configuration the bit length must be at least TBIT_LENGTH_FAST and the duration of high and low level of
a single bit into a period TBIT_LENGTH_FAST must be TBIT_HIGH_LOW_FAST.
In case of low frequency configuration TBIT_LENGTH_SLOW and TBIT_HIGH_LOW_SLOW are valid.
4.2.3.2
Dual access ring
L9963E supports dual access ring topology (refer to Section 6.11.3 Dual access ring for the application
scenario). The device accepts commands from both ports (ISOL/SPI and ISOH ports) and generates answers in
both directions.
This kind of functionality is present by default and cannot be disabled.
In the typical application scenario featuring a number of NDEVICES L9963E, two of them are configured as SPI
devices (referred to as bottom and top Masters), while the remaining is configured as isolated SPI slaves (refer to
Section 4.2.1 Communication interface selection for Master and Slave behavior).
Referring to Figure 51, the Section 4.1.2.2 Addressing procedure follows the standard approach, except for the
top Master, that must be initialized through its own SPI interface.
Once the initialization is complete, MCU is able to communicate with any Slave through any of the 2 Masters SPI
interface. It is also possible to verify the loop integrity, accessing one Master through the opposite one.
In case the access to a Slave is performed exploiting the bottom Master, the corresponding answer must be
retrieved through the bottom Master itself (the same applies for the dual case of the top Master).
L9963E
Serial communication interface
DS13636 - Rev 12
page 24/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com